Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


Q-120 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. Q-120
Description  120W Quad Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics(B)
FileName:Q-120-SPEC2004-11-30
CaseNo.906Unit:mm
AMBIENTTEMPERATURE(
)
199
100
172
5
192
TerminalPin.No Assignment
PinNo.
PinNo.
MODEL
PinNo.
1
4
+12V
+15V
+24V
Q-120B
Q-120C
Q-120D
6
3
4,5
2
5
-12V
-15V
+12V
7
8
Assignment
Assignment
DCOUTPUT COM
DCOUTPUT -V1
DCOUTPUT +V1
FG
DCOUTPUT
AC/N
AC/L
INPUTVOLTAGE(V)60Hz
-10
-10
0
0
10
20
30
40
50
45
60
55
(VERTICAL)
(HORIZONTAL)
20
40
60
80
100
8
7
6
5
4
3
2
1
80
160
85
170
90
180
95
190
100
200
105
210
110
220
115
230
120
240
125
250
130
260
300
250
200
150
100
50
25
Ta=25
12V
+12V
-12V
-5V
5V
+5V
13
7
9
8
12
11
10
4.8
5.0
5.2
4.4
4.6
4.2
4.0
5-M3
20
159
190.5
6
3.5
120WQuadOutputSwitchingPowerSupply
Q - 1 2 0 series




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
RQ-6565W Quad Output Switching Power Supply 1 2 Astrodyne Corporation
RQ-8585W Quad Output Switching Power Supply 1 2 Astrodyne Corporation
RQ-125125W Quad Output Switching Power Supply 1 2 Astrodyne Corporation
D-120120W Dual Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
IQ-6060W Isolated Quad Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
PSQP100100 Watt Quad Output Built-In Active PFC Function AC/DC Switching Power Supply 1 2 3 4 Wall Industries,Inc.
PQ-100100W Quad Output Switching Power Supply 1 2 3 Mean Well Enterprises Co., Ltd.
Q-6060W Quad Output Switching Power Supply 1 2 Mean Well Enterprises Co., Ltd.
AD-120120W Dual Output Switching Power Supply 1 2 3 4 5 MoreAstrodyne Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl