Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-120N-13C Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PB-120N-13C
Description  120W Single Output Power Supply or Battery Charger
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PB-120N-13C Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PB-120N-13C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PB-120N-13C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics(27V)
FileName:PA,PB-120-SPEC2008-05-06
CaseNo.PS-120A
Unit:mm
AMBIENTTEMPERATURE(
)
Outputcablelength=183cm 5cm
CASE:
PinNo.
1
2,3
Assignment
DCOUTPUT +V
DCOUTPUT -V
10
20
30
40
50
60
20
40
60
80
100
-10
0
Otherseries
Openframeseries
17.8CFMaircooling
(L=15cmfaceHS)
5
OPEN
SHORT
144
134
1 2 3
CN1
CN5
230V
115V
FOR
FOR
-
+
2
1
ADJ.
CN4
LED
CN3
180
3
1
2
PCB:
ACInputConnector(CN1):JST B3P-VHorequivalent
DCOutputConnector(CN3):JST B4P-VHorequivalent
12VDCFANOutputConnector(CN4):JST B2B-XHorequivalent
115/230VselectedbyswitchConnector(CN5):JST B2P-VHorequivalent
PinNo.
PinNo.
PinNo.
Switch
1
1,2
1
115V
3
2
3,4
2
230V
Assignment
Assignment
Assignment
Assignment
AC/L
-V
+V
Short
AC/N
NoPin
+V
-V
Open
MatingHousing
MatingHousing
MatingHousing
MatingHousing
JST VHR
JST VHR
JST XHP
JST VHR
JST SVH-21T-P1.1
JST SVH-21T-P1.1
JST SXH-001T-P0.6
JST SVH-21T-P1.1
orequivalent
orequivalent
orequivalent
orequivalent
orequivalent
orequivalent
orequivalent
orequivalent
Terminal
Terminal
Terminal
Terminal
INPUTVOLTAGE(VAC)60Hz
80
160
85
170
90
180
95
190
100
200
105
210
110
220
115
230
120
240
125
250
130
260
350
30
300
29
250
28
200
27
150
26
100
25
50
24
Ta=25
(HORIZONTAL)
120WSingleOutputPowerSupplyorBatteryCharger
P S - 1 2 0 series


Similar Part No. - PB-120N-13C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-120N-13CD MEANWELL-PB-120N-13CD Datasheet
184Kb / 2P
   120W Single Output Power Supply or Battery Charger
PB-120N-13CM MEANWELL-PB-120N-13CM Datasheet
184Kb / 2P
   120W Single Output Power Supply or Battery Charger
PB-120N-13CO MEANWELL-PB-120N-13CO Datasheet
184Kb / 2P
   120W Single Output Power Supply or Battery Charger
More results

Similar Description - PB-120N-13C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PS-120_0811 MEANWELL-PS-120_0811 Datasheet
567Kb / 2P
   120W Single Output Power Supply or Battery Charger
PA-120 MEANWELL-PA-120_11 Datasheet
566Kb / 2P
   120W Single Output Power Supply or Battery Charger
logo
Total Power Internation...
PB-120 TOTAL-POWER-PB-120 Datasheet
193Kb / 2P
   120W Single Output Power Supply or Battery Charger
logo
Mean Well Enterprises C...
PA-120 MEANWELL-PA-120 Datasheet
184Kb / 2P
   120W Single Output Power Supply or Battery Charger
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
logo
Mean Well Enterprises C...
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
GC120 MEANWELL-GC120 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
logo
Maxim Integrated Produc...
MAX17201G MAXIM-MAX17201G Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
MAX17055GEVKIT MAXIM-MAX17055GEVKIT Datasheet
1Mb / 19P
   Battery charger or power supply
Rev 0; 1/17
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com