Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431ZCD Datasheet(PDF) 10 Page - IK Semicon Co., Ltd

Part # TL431ZCD
Description  Programmable Precision Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431ZCD Datasheet(HTML) 10 Page - IK Semicon Co., Ltd

Back Button TL431ZCD Datasheet HTML 6Page - IK Semicon Co., Ltd TL431ZCD Datasheet HTML 7Page - IK Semicon Co., Ltd TL431ZCD Datasheet HTML 8Page - IK Semicon Co., Ltd TL431ZCD Datasheet HTML 9Page - IK Semicon Co., Ltd TL431ZCD Datasheet HTML 10Page - IK Semicon Co., Ltd TL431ZCD Datasheet HTML 11Page - IK Semicon Co., Ltd TL431ZCD Datasheet HTML 12Page - IK Semicon Co., Ltd TL431ZCD Datasheet HTML 13Page - IK Semicon Co., Ltd TL431ZCD Datasheet HTML 14Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TL431Z
Figure 31. Simplified TL431Z Device Model
Figure 32. Example 1
Circuit Open Loop Gain Plot
Figure 33. Example 2
Circuit Open Loop Gain Plot
Example 2.
IC = 7.5 mA, RL = 2.2 kΩ, CL = 0.01 µF.
Cathode tied to reference input pin. An examination of
the data sheet stability boundary curve (Figure 15)
shows that this value of load capacitance and cathode
current is on the boundary. Define the transfer gain.
The DC gain is:
G = GMRGMGoRL =
(2.323)(1.0 M)(1.25 µ)(2200) = 6389 = 76 dB
The resulting open loop Bode plot is shown in Figure
33. The asymptotic plot may be expressed as the
following equation:
Note that the transfer function now has an extra pole
formed by the load capacitance and load resistance.
Note that the crossover frequency in this case is about
250 kHz, having a phase margin of about –46 degrees.
Therefore, instability of this circuit is likely.
With three poles, this system is unstable. The only hope for
stabilizing this circuit is to add a zero. However, that can
only be done by adding a series resistance to the output
capacitance, which will reduce its effectiveness as a noise
filter.
Therefore,
practically,
in
reference
voltage
applications, the best solution appears to be to use a
smaller value of capacitance in low noise applications or a
very large value to provide noise filtering and a dominant
pole rolloff of the system.
Rev. 01


Similar Part No. - TL431ZCD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
TL431ZCLF IKSEMICON-TL431ZCLF Datasheet
494Kb / 13P
   Programmable Precision Reference
TL431ZCLS IKSEMICON-TL431ZCLS Datasheet
494Kb / 13P
   Programmable Precision Reference
TL431ZCP IKSEMICON-TL431ZCP Datasheet
494Kb / 13P
   Programmable Precision Reference
TL431ZCS IKSEMICON-TL431ZCS Datasheet
494Kb / 13P
   Programmable Precision Reference
More results

Similar Description - TL431ZCD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com