Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL8190N Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL8190N
Description  Precision Air-Core Tach/Speedo Driver with Return to Zero
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL8190N Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL8190N Datasheet HTML 1Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 2Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 3Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 4Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 5Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 6Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 7Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 8Page - IK Semicon Co., Ltd IL8190N Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IL8190N
Block Diagram
Churge Pump
Input
Comp.
Voltage
Regulator
V
7.0 V
REG
+
+
+
+
+
+
Func.
Gen.
High Voltage
Protection
COS
Output
COS+
COS-
GND
GND
FREQIN
VCC
VOUT/F
VREG
GND
GND
SIN+
SIN-
CP-
SQOUT
CP+
BIAS
SINE
Output
Pin Discriptions
Pin No.
Symbol
Function
1
CP+
Positive input to charge pump
2
SQOUT
Buffered square wave output signal
3
FREQIN
Speed or RPM input signal
4, 5, 12, 13
GND
Ground Connections
6
COS+
Positive cosine output signal
7
COS–
Negative cosine output signal
8
VCC
Ignition or battery supply voltage
9
BIAS
Test point or zero adjustment
10
SIN–
Negative sine output signal
11
SIN+
Positive sine output signal
14
VREG
Voltage regulator output
15
VOUT/F
Output voltage proportional to input signal frequency
16
CP–
Negative input to charge pump
2


Similar Part No. - IL8190N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL8190 IKSEMICON-IL8190 Datasheet
493Kb / 13P
   Direct Sensor Input
More results

Similar Description - IL8190N

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS8190 ONSEMI-CS8190_06 Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com