Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL33193D Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IL33193D
Description  Automotive Direction Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL33193D Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  IL33193D Datasheet HTML 1Page - IK Semicon Co., Ltd IL33193D Datasheet HTML 2Page - IK Semicon Co., Ltd IL33193D Datasheet HTML 3Page - IK Semicon Co., Ltd IL33193D Datasheet HTML 4Page - IK Semicon Co., Ltd IL33193D Datasheet HTML 5Page - IK Semicon Co., Ltd IL33193D Datasheet HTML 6Page - IK Semicon Co., Ltd IL33193D Datasheet HTML 7Page - IK Semicon Co., Ltd IL33193D Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IL33193
IL33193
C1
R1
R2
R3
Rs
Vbat
Relay
S1
L2
L3
L4
L5
L6
1
2
3
45
6
7
8
Rs = 20 mΩ
R1 = 75 kΩ
C1 = 5.6 µF
R2 = 3.3 kΩ
R3 = 200 Ω
L2, L3, L4, L5 = 21 W Tum Signal Lamps
Figure 9 - IL33193 Typical Application
Application Information
NOTES: 1. In the above application, the IL33193 is compatible with the UAA1041 and UAA1041B except for the shunt resistor
value (Rs = 20 m
Ω).
2. The flashing cycle is started by the closing of switch S1.
3. The position of switch S1 is sensed across resistor R2 and RLamp by the input, Pin 8.
6


Similar Part No. - IL33193D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL33193D INTEGRAL-IL33193D Datasheet
247Kb / 8P
   Automotive Direction Indicator
More results

Similar Description - IL33193D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33193 MOTOROLA-MC33193 Datasheet
262Kb / 8P
   Automotive Direction Indicator
logo
IK Semicon Co., Ltd
IL33193 IKSEMICON-IL33193_16 Datasheet
407Kb / 9P
   Automotive Direction Indicator
IL33193A IKSEMICON-IL33193A Datasheet
397Kb / 8P
   Automotive Direction Indicator
logo
KODENSHI_AUK CORP.
KK33193 KODENSHI-KK33193 Datasheet
264Kb / 8P
   Automotive Direction Indicator
logo
Integral Corp.
IL33193 INTEGRAL-IL33193 Datasheet
247Kb / 8P
   Automotive Direction Indicator
logo
Motorola, Inc
UAA1041B MOTOROLA-UAA1041B Datasheet
92Kb / 4P
   AUTOMOTIVE DIRECTION INDICATOR
logo
IK Semicon Co., Ltd
IL33193-03N IKSEMICON-IL33193-03N Datasheet
717Kb / 6P
   Automotive Direction Indicator
logo
STMicroelectronics
L9686MD013TR STMICROELECTRONICS-L9686MD013TR Datasheet
614Kb / 7P
   AUTOMOTIVE DIRECTION INDICATOR
L9686 STMICROELECTRONICS-L9686 Datasheet
60Kb / 7P
   AUTOMOTIVE DIRECTION INDICATOR
logo
ARTSCHIP ELECTRONICS CO...
MC33193 ARTSCHIP-MC33193 Datasheet
385Kb / 8P
   Automotive Direction Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com