Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL33193N Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IL33193N
Description  Automotive Direction Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL33193N Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IL33193N Datasheet HTML 1Page - IK Semicon Co., Ltd IL33193N Datasheet HTML 2Page - IK Semicon Co., Ltd IL33193N Datasheet HTML 3Page - IK Semicon Co., Ltd IL33193N Datasheet HTML 4Page - IK Semicon Co., Ltd IL33193N Datasheet HTML 5Page - IK Semicon Co., Ltd IL33193N Datasheet HTML 6Page - IK Semicon Co., Ltd IL33193N Datasheet HTML 7Page - IK Semicon Co., Ltd IL33193N Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IL33193
Vcl, CLAMPING VOLTAGE (V)
Vih, OVERVOLTAGE DETECT THRESHOLD (V)
TA, AMBIENT TEMPERATURE (OC)
TA, AMBIENT TEMPERATURE (OC)
Figure 3 – Clamping Voltage versus Temperature
Figure 4 – Overvoltage Detector versus Temperature
ICC, SUPPLY CURRENT (mA)
Vsat, OUTPUT VOLTAGE (V)
Vbat = 13.5B
R2 = 220
Relay
Relay «Off»
Vbat = 13.5V
I = 250 mA
TA, AMBIENT TEMPERATURE (OC)
TA, AMBIENT TEMPERATURE (OC)
Figure 5 – Supply Current versus Temperature
Figure 6 – Output Voltage versus Temperature
LAMP DEFECT DETECTION THRESHOLD (mV)
Kf, OSCILLATOR CONSTANT (TIMES)
Vbat = 13.5V
R2 = 220
TA, AMBIENT TEMPERATURE (OC)
TA, AMBIENT TEMPERATURE (OC)
Figure 7 – Defect Lamp Detection versus Temperature
Figure 8 – Oscillator Constant versus Temperature
5


Similar Part No. - IL33193N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL33193N INTEGRAL-IL33193N Datasheet
247Kb / 8P
   Automotive Direction Indicator
More results

Similar Description - IL33193N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33193 MOTOROLA-MC33193 Datasheet
262Kb / 8P
   Automotive Direction Indicator
logo
IK Semicon Co., Ltd
IL33193 IKSEMICON-IL33193_16 Datasheet
407Kb / 9P
   Automotive Direction Indicator
IL33193A IKSEMICON-IL33193A Datasheet
397Kb / 8P
   Automotive Direction Indicator
logo
KODENSHI_AUK CORP.
KK33193 KODENSHI-KK33193 Datasheet
264Kb / 8P
   Automotive Direction Indicator
logo
Integral Corp.
IL33193 INTEGRAL-IL33193 Datasheet
247Kb / 8P
   Automotive Direction Indicator
logo
Motorola, Inc
UAA1041B MOTOROLA-UAA1041B Datasheet
92Kb / 4P
   AUTOMOTIVE DIRECTION INDICATOR
logo
IK Semicon Co., Ltd
IL33193-03N IKSEMICON-IL33193-03N Datasheet
717Kb / 6P
   Automotive Direction Indicator
logo
STMicroelectronics
L9686MD013TR STMICROELECTRONICS-L9686MD013TR Datasheet
614Kb / 7P
   AUTOMOTIVE DIRECTION INDICATOR
L9686 STMICROELECTRONICS-L9686 Datasheet
60Kb / 7P
   AUTOMOTIVE DIRECTION INDICATOR
logo
ARTSCHIP ELECTRONICS CO...
MC33193 ARTSCHIP-MC33193 Datasheet
385Kb / 8P
   Automotive Direction Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com