Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILE4267 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # ILE4267
Description  5-V Low-Drop Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILE4267 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  ILE4267 Datasheet HTML 1Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 2Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 3Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 4Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 5Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 6Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 7Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 8Page - IK Semicon Co., Ltd ILE4267 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ILE4267
Absolute Maximum Ratings
TJ = -40 to 150°C
Limit Values
Parameter
Symbol
min.
max.
Unit
Notes
Input
Voltage
Vi
-42
42
V
-
Voltage
Vi
-
60
V
t
≤ 400 ms
Current
Ii
-
-
-
Limited internally
Reset Output
Voltage
VR
-0.3
7
V
-
Current
IR
-
-
-
Limited internally
Reset Delay
Voltage
Vd
-0.3
42
V
-
Current
Id
-
-
-
-
Output
Voltage
VQ
-0.3
7
V
-
Current
IQ
-
-
-
Limited internally
Inhibit
Voltage
VE2
-42
42
V
-
Current
lE2
-5
5
mA
t
≤ 400 ms
Hold
Voltage
VE6
-0.3
7
V
-
Current
IE6
-
-
mA
Limited internally
GND
Current
IGND
-0.5
-
A
-
Temperatures
Junction temperature
TJ
-
150
°C
-
Storage temperature
Tstg
-50
150
°C
-
4


Similar Part No. - ILE4267

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
188Kb / 10P
   5-V Low-Drop Voltage Regulator
ILE4267G IKSEMICON-ILE4267G Datasheet
188Kb / 10P
   5-V Low-Drop Voltage Regulator
ILE4267S IKSEMICON-ILE4267S Datasheet
188Kb / 10P
   5-V Low-Drop Voltage Regulator
ILE4267 IKSEMICON-ILE4267_11 Datasheet
188Kb / 10P
   5-V Low-Drop Voltage Regulator
More results

Similar Description - ILE4267

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com