Electronic Components Datasheet Search |
|
EP2C70A35F324C7N Datasheet(PDF) 8 Page - Altera Corporation |
|
EP2C70A35F324C7N Datasheet(HTML) 8 Page - Altera Corporation |
8 / 168 page 1–6 Altera Corporation Cyclone II Device Handbook, Volume 1 February 2008 Features Cyclone II devices support vertical migration within the same package (for example, you can migrate between the EP2C35, EPC50, and EP2C70 devices in the 672-pin FineLine BGA package). The exception to vertical migration support within the Cyclone II family is noted in Table 1–3. Table 1–2. Cyclone II Package Options & Maximum User I/O Pins Notes (1) (2) Device 144-Pin TQFP (3) 208-Pin PQFP (4) 240-Pin PQFP 256-Pin FineLine BGA 484-Pin FineLine BGA 484-Pin Ultra FineLine BGA 672-Pin FineLine BGA 896-Pin FineLine BGA EP2C5 (6) (8) 89 142 — 158 (5) —— — — EP2C8 (6) 85 138 — 182 — — — — EP2C8A (6), (7) —— — 182 — — — — EP2C15A (6), (7) — — — 152 315 — — — EP2C20 (6) — — 142 152 315 — — — EP2C20A (6), (7) — — — 152 315 — — — EP2C35 (6) — — — — 322 322 475 — EP2C50 (6) — — — — 294 294 450 — EP2C70 (6) — — — — — — 422 622 Notes to Table 1–2: (1) Cyclone II devices support vertical migration within the same package (for example, you can migrate between the EP2C20 device in the 484-pin FineLine BGA package and the EP2C35 and EP2C50 devices in the same package). (2) The Quartus® II software I/O pin counts include four additional pins, TDI, TDO, TMS, and TCK, which are not available as general purpose I/O pins. (3) TQFP: thin quad flat pack. (4) PQFP: plastic quad flat pack. (5) Vertical migration is supported between the EP2C5F256 and the EP2C8F256 devices. However, not all of the DQ and DQS groups are supported. Vertical migration between the EP2C5 and the EP2C15 in the F256 package is not supported. (6) The I/O pin counts for the EP2C5, EP2C8, and EP2C15A devices include 8 dedicated clock pins that can be used for data inputs. The I/O counts for the EP2C20, EP2C35, EP2C50, and EP2C70 devices include 16 dedicated clock pins that can be used for data inputs. (7) EP2C8A, EP2C15A, and EP2C20A have a Fast On feature that has a faster POR time. The EP2C15A is only available with the Fast On option. (8) The EP2C5 optionally support the Fast On feature, which is designated with an “A” in the device ordering code. The EP2C5A is only available in the automotive speed grade. Refer to the Cyclone II section in the Automotive-Grade Device Handbook. |
Similar Part No. - EP2C70A35F324C7N |
|
Similar Description - EP2C70A35F324C7N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |