Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL34063A Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IL34063A
Description  DC-TO-DC CONVERTER CONTROL CIRCUITS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL34063A Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IL34063A Datasheet HTML 1Page - IK Semicon Co., Ltd IL34063A Datasheet HTML 2Page - IK Semicon Co., Ltd IL34063A Datasheet HTML 3Page - IK Semicon Co., Ltd IL34063A Datasheet HTML 4Page - IK Semicon Co., Ltd IL34063A Datasheet HTML 5Page - IK Semicon Co., Ltd IL34063A Datasheet HTML 6Page - IK Semicon Co., Ltd IL34063A Datasheet HTML 7Page - IK Semicon Co., Ltd IL34063A Datasheet HTML 8Page - IK Semicon Co., Ltd IL34063A Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IL34063A
Rev. 01
Step-Down Converter
Test Condition (VOUT = 5 V)
Test
Conditions
Value (Typ)
Unit
Line Regulation
VIN = 15 to 25 V, IO = 500 mA
5
mV
Load Regulation
VIN = 25 V, IO = 50 to 500 mA
30
mV
Output Ripple
VIN = 25 V, IO = 500 mA
100
mV
Efficiency
VIN = 25 V, IO = 500 mA
80
%
ISC
VIN = 25 V, RLOAD = 0.1 W
1.2
A
DRC
Ipk
Vcc
Cll
SWC
SWE
TC
GND
1
2
3
4
8
7
6
5
34063A/E
RSC
0.33
W
+
C2
100
mF
R1
R2
1.2k
W
3.6k
W
+
C1
470
mF
C3
470pF
L1
220
mH
D1
BYV10-40


Similar Part No. - IL34063A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL34063A INTEGRAL-IL34063A Datasheet
130Kb / 3P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
IK Semicon Co., Ltd
IL34063A IKSEMICON-IL34063A Datasheet
185Kb / 10P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
IL34063AD IKSEMICON-IL34063AD Datasheet
185Kb / 10P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
IL34063AN IKSEMICON-IL34063AN Datasheet
185Kb / 10P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
IL34063A IKSEMICON-IL34063A_11 Datasheet
185Kb / 10P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
More results

Similar Description - IL34063A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
   DC-TO-DC Converter Control Circuits
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Guangdong Kexin Industr...
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
   DC-to-DC Converter Control Circuits
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com