Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN2504 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TN2504
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2504 Datasheet(HTML) 2 Page - Supertex, Inc

  TN2504 Datasheet HTML 1Page - Supertex, Inc TN2504 Datasheet HTML 2Page - Supertex, Inc TN2504 Datasheet HTML 3Page - Supertex, Inc TN2504 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TN2504
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
40
V
VGS = 0V, ID = 2mA
V
GS(th)
Gate Threshold Voltage
0.6
1.6
V
V
GS = VDS, ID= 1mA
∆VGS(th)
Change in VGS(th) with Temperature
-3.8
-4.5
mV/°CVGS = VDS, ID= 1mA
IGSS
Gate Body Leakage
100
nA
VGS = ± 20V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
10
µAVGS = 0V, VDS = Max Rating
1mA
VGS = 0V, VDS = 0.8 Max Rating
T
A = 125°C
ID(ON)
ON-State Drain Current
1.0
1.7
VGS = 5V, VDS = 15V
4.0
4.5
VGS = 10V, VDS = 15V
R
DS(ON)
1.25
1.5
V
GS = 5V, ID = 300mA
0.8
1.0
VGS = 10V, ID = 1.5A
∆RDS(ON)
Change in RDS(ON) with Temperature
0.75
%/°CVGS = 10V, ID = 1.5A
G
FS
Forward Transconductance
0.5
0.7
V
DS = 15V, ID = 2.0A
CISS
Input Capacitance
70
125
C
OSS
Common Source Output Capacitance
50
70
pF
C
RSS
Reverse Transfer Capacitance
20
25
td(ON)
Turn-ON Delay Time
10
t
r
Rise Time
10
t
d(OFF)
Turn-OFF Delay Time
25
tf
Fall Time
13
V
SD
Diode Forward Voltage Drop
1.2
1.8
V
V
GS = 0V, ISD = 1.5A
t
rr
Reverse Recovery Time
300
ns
V
GS = 0V, ISD = 1A
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
A
Thermal Characteristics
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θjc
θja
IDR*IDRM
@ T
A = 25°C
°C/W
°C/W
TO-243AA
0.89A
4.5A
1.6W
15
78
0.89A
4.5A
* I
D (continuous) is limited by max rated Tj.
Mounted on FR5 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate.
Electrical Characteristics (@ 25°C unless otherwise specified)
Drain-to-Source
Breakdown Voltage
Static Drain-to-Source
ON-State Resistance
V
DD = 20V,
ID = 500mA,
R
GEN = 25Ω
ns
VGS = 0V, VDS = 20V
f = 1 MHz
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Switching Waveforms and Test Circuit


Similar Part No. - TN2504

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2504 SUTEX-TN2504 Datasheet
600Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TN2504 MICROCHIP-TN2504 Datasheet
768Kb / 14P
   N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
logo
Supertex, Inc
TN2504N8-G SUTEX-TN2504N8-G Datasheet
600Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TN2504N8-G MICROCHIP-TN2504N8-G Datasheet
768Kb / 14P
   N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
More results

Similar Description - TN2504

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com