Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74VHCT374 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74VHCT374
Description  Octal D-type flip-flop (3-state)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74VHCT374 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74VHCT374 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74VHCT374 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74VHCT374 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74VHCT374 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74VHCT374 Datasheet HTML 5Page - IK Semicon Co., Ltd IN74VHCT374 Datasheet HTML 6Page - IK Semicon Co., Ltd IN74VHCT374 Datasheet HTML 7Page - IK Semicon Co., Ltd IN74VHCT374 Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IN74VHCT374
Absolute maximum conditions*
Parameter, unit
Symbol
Value
min
max
Supply voltage, V
VCC
-0.5
7.0
Input voltage, V
Vin
-0.5
7.0
Output voltage, V
Vout
-0.5
VCC + 0.5B
Output voltage, V
Vout1
-0.5
7.0
Input diode current, mA
Iik
-
-20
Current of common output and supply
output, mA
Icc
±75
Output current, mA
Iout
±25
Output diode current, mA
Iok
±20
Dissipated power, mW
Pd
180
*Under absolute maximum conditions operation of microcircuit is not guaranteed. Operation is
guaranteed under maximum conditions
Maximum conditions
Symbol
Value
Parameter, unit
min
max
Supply voltage, V
VCC
4.5
5.5
Input voltage,V
Vin
0
VCC
Output voltage, V
Vout
0
VCC
Output voltage, V
Vout1
0
5.5*
Output current, mA
Iout
-
±8.0
Input rise and fall time, ns/V
tLH, tHL
0
20
* - For ICs without third state on outputs – Vcc = 0V, for ICs with third state on outputs – outputs
should be in third state
3


Similar Part No. - IN74VHCT374

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
IN74VHCT374DW INTEGRAL-IN74VHCT374DW Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
IN74VHCT374N INTEGRAL-IN74VHCT374N Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
More results

Similar Description - IN74VHCT374

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
89Kb / 7P
   3-STATE Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com