Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-120P-13PO Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PB-120P-13PO
Description  120W Single Output Power Supply or Battery Charger
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PB-120P-13PO Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PB-120P-13PO Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PB-120P-13PO Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
ChargingCurve
FileName:PA,PB-120-SPEC2008-05-06
CaseNo.PS-120A
Unit:mm
AMBIENTTEMPERATURE(
)
Outputcablelength=183cm 5cm
CASE:
PinNo.
1
2,3
Assignment
DCOUTPUT +V
DCOUTPUT -V
10
20
30
40
50
60
20
40
60
80
100
-10
0
Otherseries
Openframeseries
17.8CFMaircooling
(L=15cmfaceHS)
TypeB:Currentdetecter,2voltagesection
Type A:Voltagedetecter,pulsecharger
LEDCOLOR
Red
Green
LEDCOLOR
Red
Green
Vout
105%
100%
ChargingCurrent
Bat.Voltage
T
100%
Iout
Bat.Voltage
Vout
105%
100%
ChargingCurrent
45%
100%
Iout
T
5
OPEN
SHORT
144
134
1 2 3
CN1
CN5
230V
115V
FOR
FOR
-
+
2
1
ADJ.
CN4
LED
CN3
180
3
1
2
PCB:
ACInputConnector(CN1):JST B3P-VHorequivalent
DCOutputConnector(CN3):JST B4P-VHorequivalent
12VDCFANOutputConnector(CN4):JST B2B-XHorequivalent
115/230VselectedbyswitchConnector(CN5):JST B2P-VHorequivalent
PinNo.
PinNo.
PinNo.
Switch
1
1,2
1
115V
3
2
3,4
2
230V
Assignment
Assignment
Assignment
Assignment
AC/L
-V
+V
Short
AC/N
NoPin
+V
-V
Open
MatingHousing
MatingHousing
MatingHousing
MatingHousing
JST VHR
JST VHR
JST XHP
JST VHR
JST SVH-21T-P1.1
JST SVH-21T-P1.1
JST SXH-001T-P0.6
JST SVH-21T-P1.1
orequivalent
orequivalent
orequivalent
orequivalent
orequivalent
orequivalent
orequivalent
orequivalent
Terminal
Terminal
Terminal
Terminal
(HORIZONTAL)
120WSingleOutputPowerSupplyorBatteryCharger
PA / P B - 1 2 0 series


Similar Part No. - PB-120P-13PO

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-120P-13P MEANWELL-PB-120P-13P Datasheet
185Kb / 2P
   120W Single Output Power Supply or Battery Charger
More results

Similar Description - PB-120P-13PO

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PS-120 MEANWELL-PS-120 Datasheet
185Kb / 2P
   120W Single Output Power Supply or Battery Charger
PS-120_0811 MEANWELL-PS-120_0811 Datasheet
567Kb / 2P
   120W Single Output Power Supply or Battery Charger
PA-120 MEANWELL-PA-120_11 Datasheet
566Kb / 2P
   120W Single Output Power Supply or Battery Charger
logo
Total Power Internation...
PB-120 TOTAL-POWER-PB-120 Datasheet
193Kb / 2P
   120W Single Output Power Supply or Battery Charger
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
logo
Mean Well Enterprises C...
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
GC120 MEANWELL-GC120 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
logo
Maxim Integrated Produc...
MAX17201G MAXIM-MAX17201G Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
MAX17055GEVKIT MAXIM-MAX17055GEVKIT Datasheet
1Mb / 19P
   Battery charger or power supply
Rev 0; 1/17
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com