Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSD15-12S15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # NSD15-12S15
Description  15W DC-DC Regulated Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NSD15-12S15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  NSD15-12S15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NSD15-12S15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PinNo. Assignment
1
6
2
3,5
4
7
8
+VIN
-VIN
NoPin
CONTROL
TRIM
+VOUT
-VOUT
PinNo.
PinNo.
Assignment
Assignment
O.V.P.
CONTROL
ING
I/P
-VOUT
TRIM
+VOUT
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
EMI
O.L.P.
DETECTION
CIRCUIT
PWM
TRL
C
CONTROL INPUT.....................................PIN4
CONTROL COMMON................................PIN2
LOGICCOMPATIBILITY......CMOSOROPENCOLLECTOR TTL
CONTROL VOLTAGE
ON............+5.5VDCminOROPENCIRCUIT
OFF......+2.5VDCmax.ORSHORT TOPIN2
AMBIENTTEMPERATURE(
)
10
20
30
40
50
60
70
20
40
60
75
80
100
-25
0
45.72[1.8]
50.8[2]
1
2
4
6
7
8
+VIN
-VIN
CONTROL
+VOUT
-VOUT
TRIM
50.8[2]
(HORIZONTAL)
+VIN
C
-VIN
+VOUT
TRIM
-VOUT
1
2
4
7
8
6
LOAD
TRL
0~100K
UP DOWN TRIMPOT
0~100K
15WDC-DCRegulatedSingleOutput
N S D 1 5 - S series
ON/OFFControl&OutputTrim
BlockDiagram
MechanicalSpecification
Unit:mm[inch]
FileName:NSD15-S-SPEC2007-09-21
DeratingCurve
fosc:400KHz
1[0.039]
1.8[0.071]


Similar Part No. - NSD15-12S15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD15-12S15 MEANWELL-NSD15-12S15 Datasheet
261Kb / 2P
   15W DC-DC Regulated Single Output
NSD15-12S15 MEANWELL-NSD15-12S15 Datasheet
263Kb / 2P
   15W DC-DC Regulated Single Output
More results

Similar Description - NSD15-12S15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD15-S MEANWELL-NSD15-S_11 Datasheet
263Kb / 2P
   15W DC-DC Regulated Single Output
NSD15-S MEANWELL-NSD15-S Datasheet
261Kb / 2P
   15W DC-DC Regulated Single Output
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKE15 MEANWELL-SKE15 Datasheet
171Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKA15 MEANWELL-SKA15 Datasheet
175Kb / 1P
   9.9~15W DC-DC Regulated Single Output Converter
SKA15 MEANWELL-SKA15_11 Datasheet
177Kb / 1P
   9.9~15W DC-DC Regulated Single Output Converter
NSD15-D MEANWELL-NSD15-D_11 Datasheet
234Kb / 2P
   15W DC-DC Regulated Dual Output
NSD15-D MEANWELL-NSD15-D Datasheet
231Kb / 2P
   15W DC-DC Regulated Dual Output
NSD15-D MEANWELL-NSD15-D_10 Datasheet
234Kb / 2P
   15W DC-DC Regulated Dual Output
DKE15 MEANWELL-DKE15 Datasheet
166Kb / 1P
   15W DC-DC Regulated Dual Output Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com