Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN2124N8 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TN2124N8
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2124N8 Datasheet(HTML) 3 Page - Supertex, Inc

  TN2124N8 Datasheet HTML 1Page - Supertex, Inc TN2124N8 Datasheet HTML 2Page - Supertex, Inc TN2124N8 Datasheet HTML 3Page - Supertex, Inc TN2124N8 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TN2124
Typical Performance Curves
Output Characteristics
2.0
1.6
1.2
0.8
0.4
010
20
30
50
40
VDS (volts)
Saturation Characteristics
1.0
0.8
0.6
0.4
0.2
02
4
6
10
8
VDS (volts)
Maximum Rated Safe Operating Area
0
1000
100
10
0.1
1.0
10
0.01
VDS (volts)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1
tp (seconds)
Transconductance vs. Drain Current
1.0
0.8
0.6
0.4
0.2
0
0
1.0
0.2
0.4
0.6
0.8
ID (amperes)
Power Dissipation vs. Temperature
TA C)
°
(
SOT-23
TA = 25°C
PD = 0.36W
25
°C
-55
°C
SOT-23 (pulsed)
2V
0
0
0
3V
SOT-23 (DC)
TA= 25°C
TA= 125°C
VDS= 25V
VGS = 10V
VGS = 10V
6V
8V
4V
3V
2V
4V
6V
8V
0
25
50
75
100
125
150
0.0
0.4
0.8
1.2
1.6
2.0
SOT-23
SOT-89
SOT-89 (pulsed)
SOT-89
SOT-89
TA = 25°C
PD = 1.6W


Similar Part No. - TN2124N8

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TN2124 MICROCHIP-TN2124 Datasheet
474Kb / 14P
   N-Channel Enhancement-Mode Vertical DMOS FET
10/25/17
logo
Supertex, Inc
TN2124K1-G SUTEX-TN2124K1-G Datasheet
570Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2124K1-G SUTEX-TN2124K1-G Datasheet
730Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TN2124K1G MICROCHIP-TN2124K1G Datasheet
474Kb / 14P
   N-Channel Enhancement-Mode Vertical DMOS FET
10/25/17
logo
Supertex, Inc
TN2124 SUTEX-TN2124_07 Datasheet
570Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN2124N8

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com