Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74VHC74N Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IN74VHC74N
Description  DUAL D FLIP-FLOP WITH SET AND RESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74VHC74N Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IN74VHC74N Datasheet HTML 1Page - IK Semicon Co., Ltd IN74VHC74N Datasheet HTML 2Page - IK Semicon Co., Ltd IN74VHC74N Datasheet HTML 3Page - IK Semicon Co., Ltd IN74VHC74N Datasheet HTML 4Page - IK Semicon Co., Ltd IN74VHC74N Datasheet HTML 5Page - IK Semicon Co., Ltd IN74VHC74N Datasheet HTML 6Page - IK Semicon Co., Ltd IN74VHC74N Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IN74VHC74
AC electrical characteristics (tLH = tHL = 3.0 ns)
Value
25
°C
–40
to 85
°C
Symbol
Parameter
Test conditions
VCC, V
CL,
pF
min
max
min
max
Unit
15
11.9
14.0
tPHL, tPLH Propagation
delay time
when
switching
"on",
"off" from input СР to
outputs Q,
Q
VIL = 0 V,
V= Vcc,
3.3 ± 0.3
50
15.4
17.5
ns
15
7.3
8.5
tPHL, tPLH Propagation
delay time
when
switching
"on",
"off" from input СР to
outputs Q,
Q
VIL = 0 V,
V=Vcc,
5.0 ± 0.5
50
8.3
10.5
ns
15
12.3
14.5
tPHL, tPLH Propagation
delay time
when
switching
"on",
"off" from inputs
SD ,
RD to outputs Q, Q
VIL = 0 V,
V= Vcc,
3.3 ± 0.3
50
15.8
18.0
ns
15
7.7
9.0
tPHL, tPLH Propagation
delay time
when
switching
"on",
"off" from inputs
SD ,
RD to outputs Q, Q
VIL = 0 V,
V=Vcc,
5.0 ± 0.5
50
9.7
11.0
ns
15
80
70
fmax Maximum
Clock
Frequency
VIL = 0 V,
V=Vcc,
3.3 ± 0.5
50
50
45
MHz
15
130
110
fmax Maximum
Clock
Frequency
VIL = 0 V,
V=Vcc,
5.0 ± 0.5
50
90
75
MHz
3.3 ± 0.3
6.0
7.0
tSU
Time of setting signal D
to CP
VIL = 0 V,
V=Vcc,
5.0 ± 0.5
15 -
50
5.0
5.0
3.0 ± 0.3
0.5
0.5
tH
Retention time, D signal
to CP
VIL = 0 V,
V=Vcc,
5.0 ± 0.5
15 -
50
0.5
0.5
ns
3.0 ± 0.3
5.0
5.0
tREM Time of recovery of
signal СР after signals
SD ,
RD
VIL = 0 V,
V=Vcc,
5.0 ± 0.5
15 -
50
3.0
3.0
3.0 ± 0.3
6.0
7.0
tW
Pulse duration of CP,
SD ,
RD signals
VIL = 0 V,
V=Vcc,
5.0 ± 0.5
15 -
50
5.0
6.0
CI
Input capacity
5.0
10
pF
CРD
Dynamic capacity
VI = 0 V orVCC
5.0
50
5


Similar Part No. - IN74VHC74N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74VHC74N INTEGRAL-IN74VHC74N Datasheet
295Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
More results

Similar Description - IN74VHC74N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
logo
Integral Corp.
IN74VHC74 INTEGRAL-IN74VHC74 Datasheet
295Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
KODENSHI_AUK CORP.
KK74HC74A KODENSHI-KK74HC74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A_14 Datasheet
103Kb / 5P
   Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
MC74HC74A ONSEMI-MC74HC74A_14 Datasheet
116Kb / 7P
   Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com