Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NED-35A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NED-35A
Description  35W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NED-35A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NED-35A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NED-35A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
NED-35A
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
Note.6
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
4A
0.5~5A
32W
80mVp-p
CH1:4.75~5.5V
2.0%
0.5%
1.5%
500ms,30ms/230VAC1200ms,30ms/115VAC atfullload
50ms/230VAC10ms/115VAC atfullload
85~264VAC120~370VDC
47~63Hz
CH1:5.75~6.75V
78%
0.75A/115VAC0.5 A/230VAC
COLDSTART 45A
<2mA /240VAC
110~150%ratedoutputpower
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-1Lightindustrylevel,criteria A
-20~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~45
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
402.7Khrsmin.MIL-HDBK-217F(25
)
FileName:NED-35-SPEC2006-12-27
99*97*36mm(L*W*H)
0.36Kg;45pcs/17.2Kg/0.93CUFT
35WDualOutputSwitchingPowerSupply
N E D - 3 5 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
ENVIRONMENT
SAFETY &
EMC
(Note7)
PROTECTION
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load.
6. Each output can work within current range. But total output power can't exceed rated output power.
7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
100% full load burn-in test
2 years warranty
Features :
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
NED-35B
12V
CH2
24V
CH2
5V
CH1
1A
1A
2.2A
0.1~1.5A
0.2~1.3A
0.5~4A
35W
120mVp-p
200mVp-p
80mVp-p
CH1:4.75~5.5V
6.0%
6.0%
1.0%
1.0%
3.0%
3.0%
2.0%
0.5%
1.5%
81%
LINEREGULATION
Note.4
LOADREGULATION
Note.5
CH1
OUTPUTNUMBER
UL60950-1,CB(IEC60950-1) Approved


Similar Part No. - NED-35A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NED-35A MEANWELL-NED-35A Datasheet
415Kb / 2P
   35W Dual Output Switching Power Supply
NED-35A MEANWELL-NED-35A Datasheet
403Kb / 2P
   NED-35_11
logo
Total Power Internation...
NED-35A TOTAL-POWER-NED-35A Datasheet
414Kb / 2P
   35W Dual Output Switching Power Supply
More results

Similar Description - NED-35A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NED-35 MEANWELL-NED-35_10 Datasheet
415Kb / 2P
   35W Dual Output Switching Power Supply
logo
Total Power Internation...
NED-35 TOTAL-POWER-NED-35 Datasheet
414Kb / 2P
   35W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-35 MEANWELL-RD-35_10 Datasheet
382Kb / 2P
   35W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
RD-35 RSG-RD-35 Datasheet
151Kb / 2P
   35W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-35 MEANWELL-RD-35_11 Datasheet
382Kb / 2P
   35W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD35 ASTRODYNE-RD35 Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-35 TOTAL-POWER-RD-35 Datasheet
441Kb / 2P
   35W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-35 ASTRODYNE-RD-35 Datasheet
450Kb / 2P
   35W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-35 MEANWELL-RD-35 Datasheet
373Kb / 2P
   35W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com