Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74ACT643N Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74ACT643N
Description  Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74ACT643N Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74ACT643N Datasheet HTML 1Page - IK Semicon Co., Ltd IN74ACT643N Datasheet HTML 2Page - IK Semicon Co., Ltd IN74ACT643N Datasheet HTML 3Page - IK Semicon Co., Ltd IN74ACT643N Datasheet HTML 4Page - IK Semicon Co., Ltd IN74ACT643N Datasheet HTML 5Page - IK Semicon Co., Ltd IN74ACT643N Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IN74ACT643
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, A to B or B to A
(Figure 1)
1.5
8.0
1.0
9.0
ns
tPHL
Propagation Delay, A to B or B to A
(Figure 1)
1.5
8.0
1.0
9.0
ns
tPZH
Propagation Delay, Direction or Output Enable to
A or B (Figure 2)
1.5
10.5
1.0
11.5
ns
tPZL
Propagation Delay, Direction or Output Enable to
A or B (Figure 2)
1.5
10.5
1.0
11.5
ns
tPHZ
Propagation Delay, Direction or Output Enable to
A or B (Figure 2)
1.5
10.5
1.0
11.5
ns
tPLZ
Propagation Delay, Direction or Output Enable to
A or B (Figure 2)
1.5
10.5
1.0
11.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
COUT
Maximum Tree-State I/O Capacitance
(Output in High-Impedance State0
15
15
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
45
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Rev. 00


Similar Part No. - IN74ACT643N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT643N INTEGRAL-IN74ACT643N Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results

Similar Description - IN74ACT643N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT643 KODENSHI-KK74ACT643 Datasheet
300Kb / 6P
   Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC643 INTEGRAL-IN74AC643 Datasheet
185Kb / 5P
   Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC643 KODENSHI-KK74AC643 Datasheet
301Kb / 6P
   Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC643 IKSEMICON-IN74AC643 Datasheet
233Kb / 6P
   Octal 3-State Bus Transceiver High-Speed Silicon-Gate CMOS
IN74AC623 IKSEMICON-IN74AC623 Datasheet
227Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC620 KODENSHI-KK74AC620 Datasheet
296Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
KK74ACT623 KODENSHI-KK74ACT623 Datasheet
290Kb / 6P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
KK74AC640 KODENSHI-KK74AC640 Datasheet
320Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
KK74ACT620 KODENSHI-KK74ACT620 Datasheet
294Kb / 6P
   Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC245 INTEGRAL-IN74AC245 Datasheet
146Kb / 5P
   Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com