Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJ013S Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DJ013S
Description  CIRCULAR DIN JACKS PC BOARD AND PANEL MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DJ013S Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DJ013S Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
213
INTRODUCTION:
Adam Tech DJ Series Circular DIN Jacks continue to be a popular
interface for many applications. They are especially suitable for
applications that require reliable transfer of low level signals.
Available in a wide selection of positions they feature a choice of an
all plastic body or a plastic body with metal face shield. Mounting
selections include Right Angle or Vertical PCB mount and Panel
Mount with or without mounting flange. Adam Tech DJ series jacks
features an exclusive high reliability contact design which utilizes a
dual wipe, extended fork contact. The jacks overall contact area is
increased primarily in the mating area which helps maintain a
constant contact pressure for superior electrical performance.
FEATURES:
Wide range of styles
Offered in 3 thru 13 positions
Standard and shielded versions available
Excellent for Low Level signal applications
MATING PLUGS:
All industry standard circular DIN plugs.
SPECIFICATIONS:
Material:
Standard insulator: PBT glass filled, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black
Contacts: Brass
Shield: Copper Alloy, Bright Nickel plated
Contact Plating:
Tin over Copper underplate overall
Electrical:
Operating voltage: 20V DC max.
Current rating: 2 Amps max
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 500 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 15 lb max.
Withdrawal force: 0.8 lb min
Mating durability: 5000 cycles min.
Temperature Rating:
Operating temperature: -25°C to +100°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
CIRCULAR DIN JACKS
PC BOARD AND PANEL MOUNT
DJ SERIES
ORDERING INFORMATION
DJ
005
S
SERIES INDICATOR
DJ = Right Angle,
PC board mount
DIN Jack
POSITIONS
003 thru 013
FOOTPRINT/
SHIELDING
Blank = Non-shielded,
10mm centerline
front pins
.5 = Non shielded
5mm centerline
front pins
S = Metal shield,
10mm centerline
front pins
S.5 = Metal shield,
5mm centerline
front pins
DJN
005
A
SERIES INDICATOR
DJP = Panel mount
w/ Mounting
Flange
DJN = Barrel type
straight PCB
mount
POSITIONS
003 thru 013
TERMINATION
A = Solder eyelet
B = PCB pin
STRAIGHT PC BOARD MOUNT
AND PANEL MOUNT VERSIONS
RIGHT ANGLE PC BOARD MOUNT
OPTIONS:
Add designator(s) to end of part number
HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260°C
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - DJ013S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DJ01D0303A DELTA-DJ01D0303A Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DJ01D0503A DELTA-DJ01D0503A Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DJ01D0505A DELTA-DJ01D0505A Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
DJ01D1203A DELTA-DJ01D1203A Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DJ01D2405A DELTA-DJ01D2405A Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
More results

Similar Description - DJ013S

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DJP-008-A ADAM-TECH-DJP-008-A Datasheet
106Kb / 1P
   CIRCULAR DIN JACKS PC BOARD & PANEL MOUNT
MDJ008S ADAM-TECH-MDJ008S Datasheet
125Kb / 1P
   MINI DIN JACKS PC BOARD & PANEL MOUNT
ADC-010 ADAM-TECH-ADC-010 Datasheet
112Kb / 1P
   DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-007 ADAM-TECH-ADC-007 Datasheet
214Kb / 3P
   DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC0021 ADAM-TECH-ADC0021 Datasheet
138Kb / 1P
   DC POWER JACKS PC BOARD AND PANEL MOUNT
logo
Kycon, Inc.
KCDX KYCON-KCDX Datasheet
941Kb / 1P
   Circular Din Panel Mount
logo
Adam Technologies, Inc.
DJ-XXX ADAM-TECH-DJ-XXX Datasheet
125Kb / 1P
   RIGHT ANGLE PC BOARD MOUNT DIN JACK
DJ-005-S5 ADAM-TECH-DJ-005-S5 Datasheet
102Kb / 1P
   DIN JACKS RIGHT ANGLE PCB MOUNT
logo
Tyco Electronics
408-10373 MACOM-408-10373 Datasheet
125Kb / 2P
   SMPM Floating Panel Mount, Cable Jacks
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com