Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOD168V1 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # SOD168V1
Description  DIMM SOCKET S.O. DIMM SOCKET DDR SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

SOD168V1 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  SOD168V1 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
191
INTRODUCTION:
Adam Tech DIMM (Dual in Line Memory Module) , S.O. DIMM (Small
outline DIMM) & DDR (Double Data Rate) Sockets are Precision
designed sockets for add-on memory modules. Offered in SMT &
Straight Plug in mounting, their precision formed bellow style
contacts are manufactured with extremely close tolerances for
superior, precise alignment during mating. The DIMM and DDR
latching sockets have a smooth actuation and a positive, audible
sound to determine proper insertion.
FEATURES:
184 contacts on high density .050" Centerlines
Complies with JEDEC specifications
3 keys for: 3.3V, 2.5V & 1.8V
Latches function both as Lock & Ejector
MATING OPTIONS:
All industry standard memory modules
SPECIFICATIONS:
Material:
Standard insulator: Glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Latch: Nylon 66 rated UL94V-0
Insulator color:
DIMM & DDR: Black
SO DIMM: White
Contacts: Phosphor Bronze
Contact Plating:
Gold over nickel underplate in contacts area, tin over copper
underplate on solder tails
Electrical:
Operating voltage: 250V AC max.
Current rating: 0.5 Amp max.
Contact resistance: 30 m
Ω max. initial
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion Force: 4 oz max
Withdrawal Force: 1 oz min
Temperature Rating:
Operating temperature: -55°C to +105°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
DIMM SOCKET
S.O. DIMM SOCKET
DDR SOCKET
144P, 168P, & 184P SOCKETS
OPTIONS:
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
HT = Hi-Temp insulator for Hi-Temp soldering
processes up to 260°C
YW = Yellow insulator (DDR only)
PU = Purple insulator (DDR only)
ORDERING INFORMATION
DIMM
168
SERIES INDICATOR
DIMM = DIMM Socket
SOD = Small Outline
DIMM Socket
DDR = Double Data
Rate Socket
POSITIONS
144 = SOD
168 = DIMM
184 = DDR
V
MOUNTING
V = Straight
PCB Mount
(DIMM & DDR)
R = Angled (DDR)
S = SMT (SOD)
1
VOLTAGE KEY
1 = 3.3V
2 = 5.0V
3 = 2.5V
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - SOD168V1

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
SOD16A WEEN-SOD16A Datasheet
576Kb / 7P
   200W Transient Voltage Suppressor
SOD16CA WEEN-SOD16CA Datasheet
576Kb / 7P
   200W Transient Voltage Suppressor
More results

Similar Description - SOD168V1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SX1B-72S-0.635SH HIROSE-SX1B-72S-0.635SH Datasheet
217Kb / 6P
   0.635mm Pitch S.O. DIMM Socket
logo
List of Unclassifed Man...
SX6E-144S-08SH ETC1-SX6E-144S-08SH Datasheet
182Kb / 7P
   0.8mm Pitch 4mm Mounting Height S.O. DIMM Socket
logo
Elpida Memory
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
Adam Technologies, Inc.
SOD-200-S-5-52-R-G-1 ADAM-TECH-SOD-200-S-5-52-R-G-1 Datasheet
137Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-52-2 ADAM-TECH-SOD-204-S-4-52-2 Datasheet
75Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-80-R-1 ADAM-TECH-SOD-204-S-4-80-R-1 Datasheet
140Kb / 1P
   SO DIMM SOCKET
SOD-200-S-3-80-2 ADAM-TECH-SOD-200-S-3-80-2 Datasheet
84Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-40-R-1 ADAM-TECH-SOD-204-S-4-40-R-1 Datasheet
109Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-52-R-1 ADAM-TECH-SOD-204-S-4-52-R-1 Datasheet
117Kb / 1P
   SO DIMM SOCKET
SOD-204-S-4-52-R-2 ADAM-TECH-SOD-204-S-4-52-R-2 Datasheet
76Kb / 1P
   SO DIMM SOCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com