Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74ACT273 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74ACT273
Description  Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74ACT273 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74ACT273 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74ACT273 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74ACT273 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74ACT273 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74ACT273 Datasheet HTML 5Page - IK Semicon Co., Ltd IN74ACT273 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IN74ACT273
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
125
125
MHz
tPHL
Propagation Delay, Clock to Q (Figure 1)
3.0
10.0
2.5
11.0
ns
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.0
11.0
2.5
12.0
ns
tPHL
Propagation Delay, Reset to Q (Figure 2)
3.0
11.0
2.5
11.5
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
50
pF
TIMING REQUIREMENTS (VCC=5.0 V ± 10%, CL=50pF, Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
4.5
5.5
ns
th
Minimum Hold Time, Data to Clock
(Figure 3)
2.0
2.0
ns
tw
Minimum Pulse Width, Clock (Figure 1)
4.0
4.5
ns
tw
Minimum Pulse Width, Reset (Figure 2)
4.0
4.5
ns
trec
Minimum Recovery Time, Reset to Clock
(Figure 2)
2.0
3.0
Rev. 00


Similar Part No. - IN74ACT273

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
IN74ACT273DW INTEGRAL-IN74ACT273DW Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
IN74ACT273N INTEGRAL-IN74ACT273N Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
More results

Similar Description - IN74ACT273

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT273 KODENSHI-KK74ACT273 Datasheet
287Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC273 INTEGRAL-IN74AC273 Datasheet
179Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT273 SLS-SL74HCT273 Datasheet
48Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT273A IKSEMICON-IN74HCT273A Datasheet
228Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74HC273A IKSEMICON-IN74HC273A Datasheet
238Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT273A KODENSHI-KK74HCT273A Datasheet
241Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC175 IKSEMICON-IN74AC175 Datasheet
177Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74ACT175 IKSEMICON-IN74ACT175 Datasheet
253Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT175 KODENSHI-KK74ACT175 Datasheet
267Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com