Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDR-40-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MDR-40-24
Description  40W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MDR-40-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MDR-40-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MDR-40-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BlockDiagram
DCOKRelayContact
MechanicalSpecification
FileName:MDR-40-SPEC2008-03-10
-20
0
10
20
30
45
55
60
70 (VERTICAL)
20
40
60
80
100
AMBIENTTEMPERATURE(
)
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
ContactClose
Whentheoutputvoltagereachestheadjustedoutputvoltage.
Whentheoutputvoltagedropbelow90%outputvoltage.
30V/1A resistiveload
ContactOpen
ContactRatings(max.)
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
DCOK
-V
I/P
CONTROL
O.V.P.
O.C.P.
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
DeratingCurve
+
InstallDINrail TS35/7.5or TS35/15
35
+V +V
40
-V -V
N
L
DCOK
+V ADJ
5 5 5 5 5
7.5
7.5
100
fosc:60KHz
DCOK
CaseNo.962A
Unit:mm
40WSingleOutputIndustrialDINRailPowerSupply
M D R - 4 0 series


Similar Part No. - MDR-40-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-40-24 MEANWELL-MDR-40-24 Datasheet
244Kb / 2P
   40W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - MDR-40-24

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-S40 ALTECH-PS-S40 Datasheet
613Kb / 2P
   40W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-40 MEANWELL-MDR-40_11 Datasheet
244Kb / 2P
   40W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PSS40 ALTECH-PSS40 Datasheet
123Kb / 1P
   40W Single Output Industrial DIN Rail Power Supply PS-S40 Series
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com