Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDR-10-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MDR-10-12
Description  10W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MDR-10-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MDR-10-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MDR-10-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BlockDiagram
ApplicationofDCOK ActiveSignal
DeratingCurve
MechanicalSpecification
FileName:MDR-10-SPEC2008-06-07
-20
0
10
20
30
40
50
60
70 (VERTICAL)
20
40
60
80
100
AMBIENTTEMPERATURE(
)
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
DCOK
-V
I/P
CONTROL
O.V.P.
DCOK
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
InstallDINrail TS35/7.5or TS35/15
35
+V
5
5
22.5
5 5
-V
100
DCOK
(a)5Vsignal
(b)LED
(c)Relay
R
Model
5V
12V
15V
24V
R
200
1.5K
2K
3.9K
V-
5.1V
DCOK
R
V-
DCOK
V-
Relay
RL
CaseNo.956Unit:mm
Model
Model
5V
5V
12V
12V
15V
15V
24V
24V
R
RL
1K
120
2.4K
700
3K
700
4.7K
1.2K
5V
Others
10WSingleOutputIndustrialDINRailPowerSupply
M D R - 1 0 series
fosc:60KHz
DCOK
DC
OK
N L


Similar Part No. - MDR-10-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-10-12 MEANWELL-MDR-10-12 Datasheet
238Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
MDR-10-12 TOTAL-POWER-MDR-10-12 Datasheet
236Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - MDR-10-12

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-S10 ALTECH-PS-S10 Datasheet
563Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10_11 Datasheet
238Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
MDR-10 TOTAL-POWER-MDR-10 Datasheet
236Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
PS-S40 ALTECH-PS-S40 Datasheet
613Kb / 2P
   40W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com