Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2RS1R2T Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # 2RS1R2T
Description  2.00mm RECEPTACLE STRIPS .079 [2.00] CENTERLINE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

2RS1R2T Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  2RS1R2T Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
296
INTRODUCTION:
Adam Tech 2RS Series 2.00mm Receptacle Strips are offered in
several sizes and profiles designed to satisfy most 2.00mm socket
requirements. Available in Single and Dual rows, they are offered in
Straight, Right Angle, SMT, Bottom Entry and Pass Through PCB
mounting styles. Each type has a specially designed contact system
which uses a wiping mating action and produces a high normal force
connection with gold, tin or selective gold plating. All are available
with Standard or Hi-Temp Thermoplastic insulators. Our SMT
offering is available with optional pick and place pads and tape & reel
packaging.
FEATURES:
Single and dual row in straight, right angle and SMT mounting forms
Top, side and bottom entry versions
Plated full gold, full tin or duplex plated
Five different body heights
Standard PBT insulator or optional Hi Temp insulator
Tape and reel packaging available
MATING CONNECTORS:
Adam Tech 2PH headers and all industry standard 2.0mm pin
headers with a .020” [0.5mm] square pin.
SPECIFICATIONS:
Material:
Insulator: PBT, glass reinforeced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Contact Plating:
G = Gold flash (30u” optional) over nickel underplate overall
SG = Gold flash (30u” optional) over nickel underplate on
contact area, tin over copper underplate on tails.
T = Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: 1 Amp max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.313 lbs per contact max.
Withdrawal force: 0.175 lbs per contact min.
Temperature Rating:
Operating temperature: -40°C to +105°C
PACKAGING:
Anti-ESD plastic trays
(Tape and Reel optional for SMT option)
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
2.00mm RECEPTACLE STRIPS
.079" [2.00] CENTERLINE
2RS SERIES
OPTIONS:
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
SMT = SMT leads with Hi-Temp insulator dual row
SMT-A = SMT Single Row Type A with Hi-Temp insulator
SMT-B = SMT Single Row Type B with Hi-Temp insulator
P = Optional guide peg on SMT version
PP = Pick and place pad
HT = Hi-Temp insulator for Hi-Temp soldering processes
up to 260°C (Add this option for thru-hole products only.
All SMT products are manufactured with Hi-Temp insulators)
®
®
V
D E
UL
®
ORDERING INFORMATION
2RS1
40
G
SERIES INDICATOR
2RS1= 2.00mm Single Row,
Vertical Mount,
Receptacle Strip
2RS2 = 2.00mm Dual Row,
Vertical Mount,
Receptacle Strip
2RS1R= 2.00mm Single Row,
Right Angle,
Receptacle Strip
2RS2R= 2.00mm Dual Row,
Right Angle,
Receptacle Strip
2RS4 = 2.00mm 4 Row,
Vertical Mount,
Receptacle Strip
(see pg 165]
2RS2BR = 2.00mm Dual Row,
Right Angle, 3-Sided
Contact Receptacle Strip
2RS1H= 2.00mm Single Row, Vertical Mount,
.248” Height Receptacle Strip
2RS2H= 2.00mm Dual Row, Vertical Mount,
.248” Height Receptacle Strip
2RS2T = 2.00 mm Dual Row, Surface Mount,
.106” Height, Top Entry Receptacle Strip
2RS2B= 2.00mm Dual Row, Surface Mount,
.106” Height, Bottom Entry Receptacle Strip
POSITIONS
Single Row: 2 thru 40
Dual Row:
4 thru 80
Four Row:
8 thru 120
PLATING
G = Gold plated
SG = Gold plated
contact area,
tin plated
solder tails
T = Tin plated
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - 2RS1R2T

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2RS1R-14-G ADAM-TECH-2RS1R-14-G Datasheet
139Kb / 1P
   2.00mm RECEPTACLE STRIPS .106 & .248 HEIGHT .079 [2.00] CENTERLINE
2RS1R-XX-G-HT ADAM-TECH-2RS1R-XX-G-HT Datasheet
84Kb / 1P
   909 Rahway Avenue
2RS1R-XX-SG ADAM-TECH-2RS1R-XX-SG Datasheet
80Kb / 1P
   SINGLE ROW RIGHT ANGLE
2RS1R-XX-SG-1 ADAM-TECH-2RS1R-XX-SG-1 Datasheet
80Kb / 1P
   SINGLE ROW RIGHT ANGLE
More results

Similar Description - 2RS1R2T

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2RS1-15-G ADAM-TECH-2RS1-15-G Datasheet
118Kb / 1P
   2.00mm RECEPTACLE STRIPS .169 & .193 HEIGHT .079 [2.00] CENTERLINE
2RS1R-14-G ADAM-TECH-2RS1R-14-G Datasheet
139Kb / 1P
   2.00mm RECEPTACLE STRIPS .106 & .248 HEIGHT .079 [2.00] CENTERLINE
2RS1H-16-G ADAM-TECH-2RS1H-16-G Datasheet
128Kb / 1P
   2.00mm RECEPTACLE STRIPS .106 & .248 HEIGHT .079 [2.00] CENTERLINE
2BHR-14-VUA ADAM-TECH-2BHR-14-VUA Datasheet
124Kb / 1P
   2.00mm BOX HEADERS .079 [2.00] CENTERLINE
2PH140UA ADAM-TECH-2PH140UA Datasheet
109Kb / 1P
   2.00mm PIN HEADERS .079 [2.00] CENTERLINE
D2PH-1-12-U-100 ADAM-TECH-D2PH-1-12-U-100 Datasheet
163Kb / 1P
   2.00mm HEADERS & SHUNTS .079 [2.00] CENTERLINE
2BHR20VUA ADAM-TECH-2BHR20VUA Datasheet
128Kb / 1P
   2.00mm BOX HEADERS .079 [2.00] CENTERLINE
HRS1A50GA ADAM-TECH-HRS1A50GA Datasheet
143Kb / 1P
   .050 RECEPTACLE STRIPS .050 [1.27] CENTERLINE
TBF ADAM-TECH-TBF Datasheet
152Kb / 1P
   BARRIER TERMINAL STRIPS .374" [9.50] CENTERLINE BLOCK
2PCIAM154A0 ADAM-TECH-2PCIAM154A0 Datasheet
160Kb / 1P
   COMPACT PCI 2.00mm CENTERLINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com