Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP0701 Datasheet(PDF) 4 Page - Supertex, Inc

Part # LP0701
Description  P-Channel Enhancement-Mode Lateral MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP0701 Datasheet(HTML) 4 Page - Supertex, Inc

  LP0701 Datasheet HTML 1Page - Supertex, Inc LP0701 Datasheet HTML 2Page - Supertex, Inc LP0701 Datasheet HTML 3Page - Supertex, Inc LP0701 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7-26
LP0701
Gate Drive Dynamic Characteristics
QG (nanocoulombs)
V(th) and RDS Variation with Temperature
On-Resistance vs. Drain Current
BVDSS Variation with Temperature
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
200
0
-5
-10
-15
100
0
-1-2-3-4-5
-2
-1
-50
0
50
100
150
1.1
10
8
6
4
2
0
0
-3
1.4
1.2
1.0
0.8
0.6
0.4
1.6
1.4
1.2
1.0
0.8
0.6
-10
-8
-6
-4
-2
0
012345
-50
0
50
100
150
238pF
T
A = -55°C
f = 1MHz
-1
-2
-20V
0
VDS = -15V
0.9
1.0
CISS = 115pF
V(th) @ -1mA
RDS(ON) @ -5V, -300mA
0
VGS = -3V
VGS = -5V
T
A = 25°C
T
A = 125°C
VGS = -2V
ID (amperes)
Tj (°C)
VGS (volts)
Tj (°C)
VDS = -10V
VDS (volts)
CISS
COSS
CRSS
Typical Performance Curves


Similar Part No. - LP0701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701 SUTEX-LP0701 Datasheet
597Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
597Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
597Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
769Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
logo
Microchip Technology
LP0701 MICROCHIP-LP0701 Datasheet
540Kb / 14P
   P-Channel Enhancement-Mode Lateral MOSFET
08/15/18
More results

Similar Description - LP0701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
logo
Microchip Technology
LP0701 MICROCHIP-LP0701 Datasheet
540Kb / 14P
   P-Channel Enhancement-Mode Lateral MOSFET
08/15/18
logo
Supertex, Inc
LP0701LG-G SUTEX-LP0701LG-G Datasheet
597Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701_13 Datasheet
769Kb / 6P
   P-Channel Enhancement-Mode Lateral MOSFET
LP1030D SUTEX-LP1030D Datasheet
467Kb / 3P
   300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
logo
NXP Semiconductors
A2T23H160-24S NXP-A2T23H160-24S Datasheet
455Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 11/2015
A3T21H360W23S NXP-A3T21H360W23S Datasheet
402Kb / 16P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 08/2017
AFT09S220-02N NXP-AFT09S220-02N Datasheet
481Kb / 19P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 9/2015
MRF6V3090N NXP-MRF6V3090N Datasheet
723Kb / 20P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 10/2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com