Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASJ53 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # ASJ53
Description  2.6mm & 3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

ASJ53 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  ASJ53 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
204
INTRODUCTION:
Adam Tech ASJ Series Stereo Jacks are a complete line of 2.6mm
and 3.5mm jacks used primarily in computer and multi-media audio
applications. This series provides a multitude of sizes and
configurations that are available in single or multiple switching forms.
Options include choice of full plastic or metal reinforced bodies,
single, stacked or ganged versions and color-coded jacks for port
identification.
FEATURES:
Broad range of sizes and configurations
Single or Multiple switching functions
Plastic or Metal reinforced bodies
Ganged and Stacked versions
Color Coded option for Port Identification
MATING PLUGS:
All industry standard 2.50mm and 3.50mm mono or stereo plugs.
SPECIFICATIONS:
Material:
Standard insulator: PBT or LCP, Glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black
Bushing: Brass, Nickel plated
Contacts: Copper alloy
Contact Plating:
Tin over Copper underplate
Electrical:
Operating voltage: 12V DC max.
Current rating: 1 Amp max.
Contact resistance: 30 m
Ω max. initial
Insulation resistance: 100 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 4.4 lbs max.
Withdrawal force: 0.3 kg min
Mating durability: 5000 cycles min.
Temperature Rating:
Operating temperature: -65°C to +125°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic bags or Tape and Reel
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
2.6mm & 3.5mm AUDIO JACKS
STEREO & MONO EARPHONE JACKS
ASJ SERIES
OPTIONS:
Add designator(s) to end of part number
E = No back cover (Type 1 only)
K = Kinked soldertails
(Standard on Type 6, 7, 40)
M = M6 x 0.5 threaded bushing
HT = Hi-Temp Nylon 6T insulator for Hi-Temp soldering
processes up to 260°C
TR = Tape & Reel packaging
ORDERING INFORMATION
ASJ
1
3
SERIES
INDICATOR
ASJ = Stereo Jack
JACK TYPE
1, 5, 6, 7, 12, 15, 18, 37,
38, 40, 41
(see page 205-207)
CONTACT FORMS
2, 3, 3A, 4A, 4B, 5
(see bottom of page 161
for schematic of contact
and switch forms)
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - ASJ53

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ASJ-1 ADAM-TECH-ASJ-1 Datasheet
241Kb / 3P
   3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
ASJ-1-3 ADAM-TECH-ASJ-1-3 Datasheet
241Kb / 3P
   3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
ASJ-1-X ADAM-TECH-ASJ-1-X Datasheet
85Kb / 1P
   STEREO PHONE JACK
ASJ-100-X-PBM ADAM-TECH-ASJ-100-X-PBM Datasheet
86Kb / 1P
   STEREO PHONE JACK
ASJ-100-X-PBM-HT ADAM-TECH-ASJ-100-X-PBM-HT Datasheet
81Kb / 1P
   STEREO PHONE JACK
More results

Similar Description - ASJ53

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ASJ-1 ADAM-TECH-ASJ-1 Datasheet
241Kb / 3P
   3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
logo
Yamaichi Electronics Co...
AJ406-3-SMT YAMAICHI-AJ406-3-SMT Datasheet
160Kb / 3P
   SMT Earphone Jacks (∅2.5mm)
LJE0252-B YAMAICHI-LJE0252-B Datasheet
242Kb / 4P
   TH Earphone Jacks (∅2.5mm)
logo
Maxim Integrated Produc...
MAX4940EVKIT MAXIM-MAX4940EVKIT Datasheet
1Mb / 18P
   3.5mm Scope Probe Jacks
Rev 0; 11/09
logo
Kycon, Inc.
STX-353K7A KYCON-STX-353K7A Datasheet
470Kb / 1P
   3.5mm, Audio Jacks, Through Hole, Vertical High-Temp
logo
Dubilier
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
List of Unclassifed Man...
STX-3100-3NB ETC2-STX-3100-3NB Datasheet
1,004Kb / 2P
   AUDIO JACKS STX-3100 Series PCB Mount 3.5mm Audio Jack
logo
Dubilier
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com