Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASJ-1-3 Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # ASJ-1-3
Description  3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

ASJ-1-3 Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  ASJ-1-3 Datasheet HTML 1Page - Adam Technologies, Inc. ASJ-1-3 Datasheet HTML 2Page - Adam Technologies, Inc. ASJ-1-3 Datasheet HTML 3Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
206
A
B
C
RECOMMENDED PCB LAYOUT
.472
[12.00]
.140
[3.50]
.417
[10.60]
.118
[3.00]
.315
[8.00]
.456
[11.60]
ø.236
[6.00]
.236
[6.00]
.492
[12.50]
1.456 [37.00]
.394
[10.00]
.354
[9.00]
.256
[6.50]
.197
[5.00]
ø.051
[1.30]
ø.059
[1.50]
POST (3X)
.197
[5.00]
.354
[9.00]
.275
[7.00]
.256
[6.50]
ø.236
[6.00]
.118
[3.00]
.394
[10.00]
.197
[5.00]
.197
[5.00]
.118
[3.00]
ø.142
[3.60]
.394
[10.00]
ASJ-7
AUDIO LINE OUT
3-ø3.6
[.141]
MICROPHONE
LIME
PINK
AUDIO LINE IN
LT BLUE
UNPLATED
THRU HOLE
4-ø2.3
[.091]
0.00
.149 [3.80]
13-ø.039
.295 [7.50]
.197 [5.00]
.394 [10.00]
.496 [12.60]
[1.00]
ø.142
[3.60]
.236
[6.00]
.197
[5.00]
ø.142
[3.60]
.276
[7.00]
.670 [17.00]
.059
[1.50]
.138
[3.50]
.094
[2.40]
.461 [11.70]
.169
[4.30]
.620 [15.75]
.189
[4.80]
.276
[7.00]
.114
[2.90]
.390
[9.90]
ø.063
[1.60]
ASJ-7
Recommended PCB Layout
ASJ-40
Recommended PCB Layout
Recommended PCB Layout
3.5mm AUDIO JACKS
STEREO & MONO EARPHONE JACKS
ASJ SERIES
ASJ-41
ASJ-7-5
ASJ-40-4A
ASJ-41-5
Recommended Solder Pad Layout
ASJ-15
ASJ-15-4B


Similar Part No. - ASJ-1-3

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ASJ-1-X ADAM-TECH-ASJ-1-X Datasheet
85Kb / 1P
   STEREO PHONE JACK
More results

Similar Description - ASJ-1-3

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ASJ13 ADAM-TECH-ASJ13 Datasheet
156Kb / 1P
   2.6mm & 3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
logo
Yamaichi Electronics Co...
AJ406-3-SMT YAMAICHI-AJ406-3-SMT Datasheet
160Kb / 3P
   SMT Earphone Jacks (∅2.5mm)
LJE0252-B YAMAICHI-LJE0252-B Datasheet
242Kb / 4P
   TH Earphone Jacks (∅2.5mm)
logo
Maxim Integrated Produc...
MAX4940EVKIT MAXIM-MAX4940EVKIT Datasheet
1Mb / 18P
   3.5mm Scope Probe Jacks
Rev 0; 11/09
logo
Kycon, Inc.
STX-353K7A KYCON-STX-353K7A Datasheet
470Kb / 1P
   3.5mm, Audio Jacks, Through Hole, Vertical High-Temp
logo
Dubilier
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
List of Unclassifed Man...
STX-3100-3NB ETC2-STX-3100-3NB Datasheet
1,004Kb / 2P
   AUDIO JACKS STX-3100 Series PCB Mount 3.5mm Audio Jack
logo
Dubilier
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
CUI INC
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com