Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1763CS8-2.5TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT1763CS8-2.5TRPBF
Description  500mA, Low Noise, LDO Micropower Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CS8-2.5TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1763CS8-2.5TRPBF Datasheet HTML 7Page - Linear Technology LT1763CS8-2.5TRPBF Datasheet HTML 8Page - Linear Technology LT1763CS8-2.5TRPBF Datasheet HTML 9Page - Linear Technology LT1763CS8-2.5TRPBF Datasheet HTML 10Page - Linear Technology LT1763CS8-2.5TRPBF Datasheet HTML 11Page - Linear Technology LT1763CS8-2.5TRPBF Datasheet HTML 12Page - Linear Technology LT1763CS8-2.5TRPBF Datasheet HTML 13Page - Linear Technology LT1763CS8-2.5TRPBF Datasheet HTML 14Page - Linear Technology LT1763CS8-2.5TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1763 Series
11
1763fe
TYPICAL PERFORMANCE CHARACTERISTICS
Output Noise Spectral Density
CBYP = 0
Output Noise Spectral Density
RMS Output Noise
vs Bypass Capacitor
RMS Output Noise
vs Load Current (10Hz to 100kHz)
LT1763
Minimum Input Voltage
Load Regulation
TEMPERATURE (°C)
–50
0
50
75
1763 G46
–25
25
100
125
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
IL = 1mA
VOUT = 1.22V
IL = 500mA
TEMPERATURE (°C)
–50
100
1763 G47
050
–25
25
75
125
5
0
–5
–10
–15
–20
–25
VIN = VOUT(NOMINAL) + 1V
IL = 1mA TO 500mA
LT1763
LT1763-5
LT1763-3
LT1763-3.3
LT1763-1.5
LT1763-1.8
LT1763-2.5
FREQUENCY (Hz)
10
1k
10k
100k
1763 G48
100
10
1
0.1
0.01
COUT = 10μF
IL = 500mA
LT1763
LT1763-5
LT1763-1.5
LT1763-2.5
LT1763-1.8
LT1763-3.3
LT1763-3
FREQUENCY (Hz)
10
1k
10k
100k
1763 G49
100
10
1
0.1
0.01
LT1763
LT1763-5
CBYP = 1000pF
CBYP = 0.01μF
CBYP = 100pF
COUT = 10μF
IL = 500mA
CBYP (pF)
10
160
140
120
100
80
60
40
20
0
100
1000
10000
1763 G50
COUT = 10μF
IL = 500mA
f = 10Hz TO 100kHz
LT1763-5
LT1763-3.3
LT1763
LT1763-1.5
LT1763-3
LT1763-2.5
LT1763-1.8
LOAD CURRENT (mA)
0.01
160
140
120
100
80
60
40
20
0
0.1
1
1763 G51
10
100
1000
COUT = 10μF
LT1763-5
LT1763-5
LT1763
LT1763
CBYP = 0
CBYP = 0.01μF


Similar Part No. - LT1763CS8-2.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763CS8-2.5 LINER-LT1763CS8-2.5 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-2.5 LINER-LT1763CS8-2.5 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-2.5-PBF LINER-LT1763CS8-2.5-PBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-2.5-TR LINER-LT1763CS8-2.5-TR Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-2.5-TRPBF LINER-LT1763CS8-2.5-TRPBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763CS8-2.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com