Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2FCS36SG Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # 2FCS36SG
Description  2.00mm IDC SOCKET & TRANSITION PLUG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

2FCS36SG Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  2FCS36SG Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
318
INTRODUCTION:
Adam Tech 2FCS Series 2.00mm IDC Sockets are low profile,
precision designed flat cable sockets that feature 2.00mm pin to pin
and row to row centerlines. These sockets quickly and easily mass
terminate flat cable in one simple step. Their versatility allows them
to mate with a multitude of 2.00mm pin headers.
Our superior
selectively gold plated contact design provides a smooth high
pressure wiping action to ensure excellent continuity. They are used
with a single layer of 1.00mm flat cable. Their small size, light weight
and high density make them ideal for compact and limited space
applications.
FEATURES:
Low Profile and High Density
Uses Single layer 1.00mm Flat Cable
Quickly and easily mass terminates standard Flat Cable
MATING CONNECTORS:
Adam Tech 2.0mm 2BHR series box headers and 2PH series pin
headers
SPECIFICATIONS:
Material:
Insulator: PBT, glass reinforced, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Contact Plating:
Gold flash (30 µin optional) over nickel underplate on contact area,
tin over copper underplate on IDC area
Electrical:
Operating voltage: 250V AC max.
Current rating: 1 Amp max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 3000 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 0.661 lbs per contact max.
Withdrawal force: 0.044 lbs per contact min.
Recommended wire size: 30 - 28 Awg stranded
Cable retention: 24 lbs. min axial force per inch.
Mating durability: 500 cycles min.
Temperature Rating:
Operating temperature: -40°C to +105°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
2.00mm IDC SOCKET &
TRANSITION PLUG
.079" [2.00 X 2.00] CENTERLINE
2FCS & 2FTR SERIES
NOTE:
Mating Box Headers for this series located on page 264
OPTIONS:
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
PB = Polarizing bump
ORDERING INFORMATION
2FCS
40
SG
SERIES INDICATOR
2FCS = 2.00mm
Flat Cable
IDC Socket
2FTR = 2.00mm
Flat Cable
Transition Plug
POSITIONS
2FCS:
06, 08, 10, 12, 14, 16, 18, 20, 22,
24, 26, 34, 36, 40, 44, 50, 60, 68
2FTR:
08, 10, 12, 14, 16, 20, 22, 24, 26,
30, 34, 40, 44, 50, 68
PLATING OPTIONS
SG = Selectively
Gold-Plated
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - 2FCS36SG

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2FCS-20 ADAM-TECH-2FCS-20 Datasheet
105Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
2FCS-20-SG ADAM-TECH-2FCS-20-SG Datasheet
105Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
2FCS-22 ADAM-TECH-2FCS-22 Datasheet
105Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
2FCS-24 ADAM-TECH-2FCS-24 Datasheet
105Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
2FCS-26 ADAM-TECH-2FCS-26 Datasheet
105Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
More results

Similar Description - 2FCS36SG

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2FCS-20 ADAM-TECH-2FCS-20 Datasheet
105Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
logo
Dubilier
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1 Datasheet
101Kb / 1P
   IDC IDC DIP PLUG (TRANSITION)
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1_11 Datasheet
333Kb / 2P
   IDC IDC DIP PLUG (TRANSITION)
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
   IDC IDC DIP PLUG (TRANSITION) 2.0mm
DBCIDCA11A34BG1 DUBILIER-DBCIDCA11A34BG1 Datasheet
96Kb / 1P
   IDC IDC DIP PLUG (TRANSITION) 2.0mm
logo
Adam Technologies, Inc.
FTR-26-T-K01-02-25 ADAM-TECH-FTR-26-T-K01-02-25 Datasheet
104Kb / 1P
   IDC TRANSITION PLUG 26 POSITION
logo
Assmann Electronics Inc...
AWP2-08-7241-T-R ASSMANN-AWP2-08-7241-T-R Datasheet
73Kb / 1P
   IDC-Socket - 2.00MM Pitch
AWP2-06-7241-T ASSMANN-AWP2-06-7241-T Datasheet
72Kb / 1P
   IDC-Socket - 2.00MM Pitch
AWP2-12-7241-T-R ASSMANN-AWP2-12-7241-T-R Datasheet
73Kb / 1P
   IDC-Socket - 2.00MM Pitch
AWP2-30-7241-T-R ASSMANN-AWP2-30-7241-T-R Datasheet
72Kb / 1P
   IDC-Socket - 2.00MM Pitch,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com