Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1763MP Datasheet(PDF) 2 Page - Linear Technology

Part # 1763MP
Description  500mA, Low Noise, LDO Micropower Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1763MP Datasheet(HTML) 2 Page - Linear Technology

  1763MP Datasheet HTML 1Page - Linear Technology 1763MP Datasheet HTML 2Page - Linear Technology 1763MP Datasheet HTML 3Page - Linear Technology 1763MP Datasheet HTML 4Page - Linear Technology 1763MP Datasheet HTML 5Page - Linear Technology 1763MP Datasheet HTML 6Page - Linear Technology 1763MP Datasheet HTML 7Page - Linear Technology 1763MP Datasheet HTML 8Page - Linear Technology 1763MP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1763 Series
2
1763fe
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage ........................................................ ±20V
OUT Pin Voltage..................................................... ±20V
Input to Output Differential Voltage........................ ±20V
SENSE Pin Voltage ............................................... ±20V
ADJ Pin Voltage ...................................................... ±7V
BYP Pin Voltage .....................................................±0.6V
SHDN Pin Voltage ................................................ ±20V
Output Short-Circuit Duration ........................ Indefinite
(Note 1)
12
11
10
9
8
7
13
1
2
3
4
5
6
NC
IN
IN
NC
SHDN
GND
NC
OUT
OUT
NC
SENSE/ADJ*
BYP
TOP VIEW
DE PACKAGE
12-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 40°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
*PIN 5: SENSE FOR LT1763-1.5/LT1763-1.8/LT1763-2.5/LT1763-3/LT1763-3.3/LT1763-5
ADJ FOR LT1763
SEE THE APPLICATIONS INFORMATION SECTION.
TOP VIEW
IN
GND
GND
SHDN
OUT
SENSE/ADJ*
GND
BYP
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 70°C/W, θJC = 35°C/W
*PIN 2: SENSE FOR LT1763-1.5/LT1763-1.8/LT1763-2.5/LT1763-3/LT1763-3.3/LT1763-5
ADJ FOR LT1763
SEE THE APPLICATIONS INFORMATION SECTION.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1763CDE#PBF
LT1763CDE#TRPBF
1763
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-1.5#PBF
LT1763CDE-1.5#TRPBF
76315
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-1.8#PBF
LT1763CDE-1.8#TRPBF
76318
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-2.5#PBF
LT1763CDE-2.5#TRPBF
76325
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-3#PBF
LT1763CDE-3#TRPBF
17633
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-3.3#PBF
LT1763CDE-3.3#TRPBF
76333
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CDE-5#PBF
LT1763CDE-5#TRPBF
17635
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
LT1763CS8#PBF
LT1763CS8#TRPBF
1763
8-Lead Plastic SO
–40°C to 125°C
LT1763IS8#PBF
LT1763IS8#TRPBF
1763
8-Lead Plastic SO
–40°C to 125°C
LT1763MPS8#PBF
LT1763MPS8#TRPBF
1763MP
8-Lead Plastic SO
–55°C to 125°C
Operating Junction Temperature Range (Note 2)
C, I Grade...........................................–40°C to 125°C
MP Grade...........................................–55°C to 125°C
Storage Temperature Range
S8 Package ........................................–65°C to 150°C
DFN Package......................................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
S8 Package ....................................................... 300°C
PIN CONFIGURATION


Similar Part No. - 1763MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17630 ETC2-17630 Datasheet
2Mb / 6P
   Except for the Wattmeters Frequency Meters
logo
PHOENIX CONTACT
1763016 PHOENIX-1763016 Datasheet
80Kb / 4P
   Base strip - MDSTBV 2,5/18-G1
1763032 PHOENIX-1763032 Datasheet
142Kb / 6P
   MSTB 2,5/ 2-ST
1763032 PHOENIX-1763032 Datasheet
108Kb / 5P
   MSTB 2,5/ 2-ST BK
1763032 PHOENIX-1763032 Datasheet
172Kb / 6P
   MVSTBR 2,5/ 2-ST
More results

Similar Description - 1763MP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com