Electronic Components Datasheet Search |
|
LT1764A Datasheet(PDF) 3 Page - Linear Technology |
|
LT1764A Datasheet(HTML) 3 Page - Linear Technology |
3 / 20 page 3 LT1764A Series 1764afb LT1764A-2.5 VIN = 3V, ILOAD = 1mA 2.462 2.500 2.538 V 3.5V < VIN < 20V, 1mA < ILOAD < 3A ● 2.412 2.500 2.575 V LT1764A-3.3 VIN = 3.8V, ILOAD = 1mA 3.250 3.300 3.350 V 4.3V < VIN < 20V, 1mA < ILOAD < 3A ● 3.183 3.300 3.400 V ADJ Pin Voltage LT1764A VIN = 2.21V, ILOAD = 1mA 1.192 1.210 1.228 V (Notes 3, 4) E Grade: 2.7V < VIN < 20V, 1mA < ILOAD < 3A ● 1.168 1.210 1.246 V MP Grade: 2.8V < VIN < 20V, 1mA < ILOAD < 3A ● 1.168 1.210 1.246 V Line Regulation LT1764A-1.5 ∆VIN = 2.21V to 20V, ILOAD = 1mA ● 2.5 10 mV LT1764A-1.8 ∆VIN = 2.3V to 20V, ILOAD = 1mA ● 310 mV LT1764A-2.5 ∆VIN = 3V to 20V, ILOAD = 1mA ● 410 mV LT1764A-3.3 ∆VIN = 3.8V to 20V, ILOAD = 1mA ● 4.5 10 mV LT1764A (Note 3) ∆VIN = 2.21V to 20V, ILOAD = 1mA ● 210 mV Load Regulation LT1764A-1.5 VIN = 2.7V, ∆ILOAD = 1mA to 3A 3 7 mV VIN = 2.7V, ∆ILOAD = 1mA to 3A ● 23 mV LT1764A-1.8 VIN = 2.8V, ∆ILOAD = 1mA to 3A 4 8 mV VIN = 2.8V, ∆ILOAD = 1mA to 3A ● 25 mV LT1764A-2.5 VIN = 3.5V, ∆ILOAD = 1mA to 3A 4 10 mV VIN = 3.5V, ∆ILOAD = 1mA to 3A ● 30 mV LT1764A-3.3 VIN = 4.3V, ∆ILOAD = 1mA to 3A 4 12 mV VIN = 4.3V, ∆ILOAD = 1mA to 3A ● 40 mV LT1764A (Note 3) VIN = 2.7V, ∆ILOAD = 1mA to 3A 2 5 mV E Grade: VIN = 2.7V, ∆ILOAD = 1mA to 3A ● 20 mV MP Grade: VIN = 2.8V, ∆ILOAD = 1mA to 3A ● 20 mV Dropout Voltage ILOAD = 1mA 0.02 0.05 V VIN = VOUT(NOMINAL) ILOAD = 1mA ● 0.10 V (Notes 5, 6, 11) ILOAD = 100mA 0.07 0.13 V ILOAD = 100mA ● 0.18 V ILOAD = 500mA 0.14 0.20 V ILOAD = 500mA ● 0.27 V ILOAD = 1.5A 0.25 0.33 V ILOAD = 1.5A ● 0.40 V ILOAD = 3A 0.34 0.45 V ILOAD = 3A ● 0.66 V GND Pin Current ILOAD = 0mA ● 1 1.5 mA VIN = VOUT(NOMINAL) + 1V ILOAD = 1mA ● 1.1 1.6 mA (Notes 5, 7) ILOAD = 100mA ● 3.5 5 mA ILOAD = 500mA ● 11 18 mA ILOAD = 1.5A ● 40 75 mA ILOAD = 3A ● 120 200 mA Output Voltage Noise COUT = 10µF, ILOAD = 3A, BW = 10Hz to 100kHz 40 µVRMS ADJ Pin Bias Current (Notes 3, 8) 310 µA Shutdown Threshold VOUT = Off to On ● 0.9 2 V VOUT = On to Off ● 0.25 0.75 V SHDN Pin Current VSHDN = 0V 0.01 1 µA (Note 9) VSHDN = 20V 730 µA Quiescent Current in Shutdown VIN = 6V, VSHDN = 0V 0.01 1 µA Ripple Rejection VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P,55 63 dB fRIPPLE = 120Hz, ILOAD = 1.5A ELECTRICAL CHARACTERISTICS PARAMETER CONDITIONS MIN TYP MAX UNITS The ● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2) |
Similar Part No. - LT1764A |
|
Similar Description - LT1764A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |