Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9906LG Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9906LG
Description  Simple Off-Line/PFC & >9V DC/DC Switcher
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9906LG Datasheet(HTML) 5 Page - Supertex, Inc

  HV9906LG Datasheet HTML 1Page - Supertex, Inc HV9906LG Datasheet HTML 2Page - Supertex, Inc HV9906LG Datasheet HTML 3Page - Supertex, Inc HV9906LG Datasheet HTML 4Page - Supertex, Inc HV9906LG Datasheet HTML 5Page - Supertex, Inc HV9906LG Datasheet HTML 6Page - Supertex, Inc HV9906LG Datasheet HTML 7Page - Supertex, Inc HV9906LG Datasheet HTML 8Page - Supertex, Inc HV9906LG Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
07/23/02
HV9906
Functional Description - continued
The voltage difference between the sensed nodes will require the
selection of resistor values in series with the NS and PS pins that
will result in current balance. While balance can be achieved even
if neither sensed node is at ground potential, care must be taken to
assure that the dynamic voltage excursions of the sensed node
within the design operating range (i.e. 50KHz to 250KHz) of the
particular application does not result in common mode current
swings in the PS and NS pins that would result in saturation of the
integrators.
Saturation at frequencies below the minimum
operating frequency of the application is permitted* since by design
the circuit will soft start from its lowest frequency.
To regulate on a sense node voltage of +0.5V with respect to
ground connect a 200k
Ω resistor from the NS pin to the ground
end of the sense element and a 100k
Ω resistor from the PS pin to
the +0.5V end of the sense element. Since the voltage drop on the
200k
Ω resistor connected to the NS pin is 1V, a reference current
of 5
µA is established. To achieve current balance in the PS pin
the sensed node must rise to +0.5V.
For regulating a sense node voltage of –1V with respect to ground
connect a 200k
Ω resistor from the PS pin to the ground end of the
sense element and a 400k
Ω resistor from the NS pin to the –1V
end of the sense element. Since the voltage drop on the 200k
resistor connected to the PS pin is 1V, a reference current of 5
µA
is established.
To achieve current balance in the NS pin the
sensed node must fall to -1V.
For calculating the required resistor values refer to “Programming
the Sense Inputs” in the Design Information section.
Integrator
The differential output current of the differential sense circuit is fed
to two matched internal 20pF capacitors that make up the
differential integrator circuit. The tolerances of these integrated
capacitors are typically
±5%, however, since they are matched,
their absolute values only affect the peak voltage of the integrators.
Operating at the lowest frequency results in the highest peak
voltage on the integrators, which will saturate if the peak voltage
on the capacitors exceeds 6V, resulting in a loss of regulation.
This must be taken into consideration when deciding on the value
of the sense currents in the PS and NS pins. The signals at the
sensed nodes may be discontinuous (i.e. controlling the average
output current into LEDs) since the signals are cycle-averaged by
the differential integrator. The differential output of the integrator is
fed to the sample and hold comparators.
*The circuit soft starts from the lowest frequency, therefore it is
very likely that the integrators will saturate during startup. By
design the VCO frequency will be incremented in the event of a
saturated condition, thereby guaranteeing that the circuit will start.
Sample and Hold VCO Control
The cycle-averaged outputs of the differential integrator are
compared by the window comparator of the sample and hold
circuit. If the differential integrator outputs are unequal the sample
and hold circuit increments or decrements the VCO control voltage
by a fixed small step resulting in a shorter or longer subsequent
VCO cycle and thus an increased or decreased frequency. When
the cycle-averaged signals from the differential integrator are
nearly equal (within the hysteresis band of the comparators) the
sample and hold function is halted and the off time is unchanged.
Since the frequency is incremented or decremented in small fixed
steps at the end of each cycle the rate of frequency increase or
decrease is a function of the frequency and thus the oscillator
frequency will change exponentially.
In this manner the Integrator Lock Loop (IL
2) feedback controls the
oscillator frequency based on a cycle-averaged sensed value to
maintain output regulation.
For certain off-line topologies, the
result is near fixed frequency operation for a fixed load with a
dither of a few KHz which helps in meeting FCC conducted
emission requirements.
Gate Driver
The gate driver buffers the output of the VCO and provides
sufficient gate drive power to achieve rise and fall times below
75nS into a 750pF equivalent MOSFET gate. The under voltage
lockout (UVLO) assures that sufficient voltage is available to drive
the gate of standard or logic level threshold MOSFETs.
Soft Start
On initial power application the UVLO and POR resets the output
latch and sets the VCO to its lowest frequency state, which
represents minimum power transfer per VCO cycle. Thereafter,
the differential sense feedback loop increments the frequency in
small steps, increasing the power transfer rate until output
regulation is achieved, thereby providing the required soft start
function.
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 FAX: (408) 222-4895 www.supertex.com


Similar Part No. - HV9906LG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906LG SUTEX-HV9906LG Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
More results

Similar Description - HV9906LG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
List of Unclassifed Man...
2VP5U9 ETC1-2VP5U9 Datasheet
481Kb / 6P
   DC/DC CONVERTERS - 9V OUTPUT
logo
ON Semiconductor
NCP1075A ONSEMI-NCP1075A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Supertex, Inc
HV9906DB3 SUTEX-HV9906DB3 Datasheet
200Kb / 3P
   Off-Line PFC Current Source Controller
logo
Linear Technology
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246 Datasheet
290Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com