Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1719IS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1719IS8
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719IS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1719IS8 Datasheet HTML 7Page - Linear Technology LT1719IS8 Datasheet HTML 8Page - Linear Technology LT1719IS8 Datasheet HTML 9Page - Linear Technology LT1719IS8 Datasheet HTML 10Page - Linear Technology LT1719IS8 Datasheet HTML 11Page - Linear Technology LT1719IS8 Datasheet HTML 12Page - Linear Technology LT1719IS8 Datasheet HTML 13Page - Linear Technology LT1719IS8 Datasheet HTML 14Page - Linear Technology LT1719IS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1719
APPLICATIONS INFORMATION
+
LT1719S8
1719 F05
R2
VREF
VTH
R3
+VS
2
VAVERAGE =
R1
The second step is to recalculate R2 to set the same
average threshold as before. The average threshold before
was set at VTH = (VREF)(R1)/(R1 + R2). The new R2 is
calculated based on the average output voltage (+VS/2)
and the simplified circuit model in Figure 5. To assure that
the comparator’s noninverting input is, on average, the
same VTH as before:
R2
′ = (VREF – VTH)/(VTH/R1 + [VTH – (+VS)/2]/R3)
Figure 5. Model for Additional Hysteresis Calculations
Additional hysteresis may be added externally. The rail-to-
rail outputs of the LT1719 make this more predictable than
with TTL output comparators due to the LT1719’s small
variability of VOH (output high voltage).
To add additional hysteresis, set up positive feedback by
adding additional external resistor R3 as shown in
Figure 4. Resistor R3 adds a portion of the output to the
threshold set by the resistor string. The LT1719 pulls the
outputs to + VS and ground to within 200mV of the rails
with light loads, and to within 400mV with heavy loads. For
the load of most circuits, a good model for the voltage on
the right side of R3 is 300mV or +VS – 300mV, for a total
voltage swing of (+VS – 300mV) – (300mV) = +VS
– 600mV.
+
LT1719S8
INPUT
1719 F04
R2
VREF
R3
R1
Figure 4. Additional External Hysteresis
With this in mind, calculation of the resistor values needed
is a two-step process. First, calculate the value of R3 based
on the additional hysteresis desired, the output voltage
swing and the impedance of the primary bias string:
R3 = (R1
R2)(+VS – 0.6V)/(additional hysteresis)
Additional hysteresis is the desired overall hysteresis less
the internal 4mV hysteresis.
For additional hysteresis of 10mV or less, it is not uncom-
mon for R2
′ to be the same as R2 within 1% resistor
tolerances.
This method will work for additional hysteresis of up to a
few hundred millivolts. Beyond that, the impedance of R3
is low enough to effect the bias string, and adjustment of
R1 may also be required. Note that the currents through the
R1/R2 bias string should be many times the input currents
of the LT1719. For 5% accuracy, the current must be at least
20 times the input current, more for higher accuracy. This
illustration used an LT1719S8; with an LT1719S6 the same
procedure is used with V+ substituted for +VS.


Similar Part No. - LT1719IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719IS8 LINER-LT1719IS8 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
More results

Similar Description - LT1719IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com