Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74AC161N Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74AC161N
Description  Presettable Counter High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74AC161N Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74AC161N Datasheet HTML 1Page - IK Semicon Co., Ltd IN74AC161N Datasheet HTML 2Page - IK Semicon Co., Ltd IN74AC161N Datasheet HTML 3Page - IK Semicon Co., Ltd IN74AC161N Datasheet HTML 4Page - IK Semicon Co., Ltd IN74AC161N Datasheet HTML 5Page - IK Semicon Co., Ltd IN74AC161N Datasheet HTML 6Page - IK Semicon Co., Ltd IN74AC161N Datasheet HTML 7Page - IK Semicon Co., Ltd IN74AC161N Datasheet HTML 8Page - IK Semicon Co., Ltd IN74AC161N Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IN74AC161
Rev. 00
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limits
Symbol
Parameter
Test Conditions
V
25
°C
-40
°C to
85
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
3.0
4.5
5.5
2.1
3.15
3.85
2.1
3.15
3.85
V
VIL
Maximum Low -
Level Input Voltage
VOUT= VCC-0.1 V or 0.1 V
3.0
4.5
5.5
0.9
1.35
1.65
0.9
1.35
1.65
V
VOH
Minimum High-
Level Output Voltage
IOUT ≤ -50 μA
3.0
4.5
5.5
2.9
4.4
5.4
2.9
4.4
5.4
V
*V
IN=VIH or VIL
IOH=-12 mA
IOH=-24 mA
IOH=-24 mA
3.0
4.5
5.5
2.56
3.86
4.86
2.46
3.76
4.76
VOL
Maximum Low-
Level Output Voltage
IOUT ≤ 50 μA
3.0
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
*V
IN=VIH or VIL
IOL=12 mA
IOL=24 mA
IOL=24 mA
3.0
4.5
5.5
0.36
0.36
0.36
0.44
0.44
0.44
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
μA
IOLD
+Minimum Dynamic
Output Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum Dynamic
Output Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
5.5
8.0
8.0
μA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.
Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC


Similar Part No. - IN74AC161N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC161N INTEGRAL-IN74AC161N Datasheet
193Kb / 8P
   Presettable Counter High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC161N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC161 INTEGRAL-IN74AC161 Datasheet
193Kb / 8P
   Presettable Counter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT161 KODENSHI-KK74ACT161 Datasheet
351Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
KK74AC161 KODENSHI-KK74AC161 Datasheet
357Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT161 IKSEMICON-IN74ACT161 Datasheet
338Kb / 9P
   Presettable Counter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT192 KODENSHI-KK74ACT192 Datasheet
508Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74AC192 KODENSHI-KK74AC192 Datasheet
521Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC192 IKSEMICON-IN74AC192 Datasheet
382Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74ACT192 IKSEMICON-IN74ACT192 Datasheet
497Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com