Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG12AP6VAC Datasheet(PDF) 3 Page - Adam Technologies, Inc.

Part # RG12AP6VAC
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RG12AP6VAC Datasheet(HTML) 3 Page - Adam Technologies, Inc.

  RG12AP6VAC Datasheet HTML 1Page - Adam Technologies, Inc. RG12AP6VAC Datasheet HTML 2Page - Adam Technologies, Inc. RG12AP6VAC Datasheet HTML 3Page - Adam Technologies, Inc. RG12AP6VAC Datasheet HTML 4Page - Adam Technologies, Inc. RG12AP6VAC Datasheet HTML 5Page - Adam Technologies, Inc. RG12AP6VAC Datasheet HTML 6Page - Adam Technologies, Inc. RG12AP6VAC Datasheet HTML 7Page - Adam Technologies, Inc. RG12AP6VAC Datasheet HTML 8Page - Adam Technologies, Inc. RG12AP6VAC Datasheet HTML 9Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
52
RELAY
SIGNAL RELAY THRU-HOLE-RT2
R SERIES
INTRODUCTION:
Adam Tech RT2 relays are small signal level relays whose footprint
matches a standard 16 pin DIP socket and are available with coil
voltages from 5~48VDC. These 2 form C relays are designed for all
signal applications up to 2 amps, such as security equipment, test
equipment and medical equipment
FEATURES:
High sensitivity: 200 mW nominal operating power.
2 Amp switching capability
Power consumption of 200mW
High mounting density on P.C.board by small size and light weight.
Sealed construction.
SPECIFICATIONS:
ELECTRICAL:
Contact arrangement: 2 Form C
Contact material: Gold clad, Silver Alloy
Contact Rating (Resistive load): 1A @ 120V AC
2A @ 30V DC
Max. Switching Voltage: 120V AC / 30V DC
Max. Switching Power: 100VA / 60W
Contact resistance: 100 m
Ω max. Initial
Insulation resistance: 100 M
Ω min. @ 500V DC
Dielectric withstanding voltage:
Between Coil & Contact: 500V AC 50/60Hz for 1 min.
Between Contacts: 1000V AC 50/60Hz for 1 min.
Operating time: 6 ms max.
Release time: 4 ms max.
Electrical Life: 100,000 Operations (at rated load)
MECHANICAL:
Vibration resistance (Endurance): 1.5mm Double Amplitude 10-55Hz
Shock resistance: 10G min.
Mechanical Life: 10,000,000 Operations (no load)
TEMPERATURE RATING:
Ambient temperature: -40°C to +85°C
PACKAGING:
Anti-ESD plastic tubes
Tape & Reel
SAFETY AGENCY APPROVALS:
cUL Recognized File No. E305638
ORDERING INFORMATION
SIGNAL RELAY
RT2
12
SERIES INDICATOR
RT2 = Signal Relay
COIL VOLTAGE
5 = 5V DC
6 = 6V DC
12 = 12V DC
24 = 24V DC
48 = 48V DC
®
®
V
D E
UL
®
RoHS
COMPLIANT
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
c
US


Similar Part No. - RG12AP6VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RG12AP6VAC ADAM-TECH-RG12AP6VAC Datasheet
179Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG1
More results

Similar Description - RG12AP6VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com