Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6501B221MR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6501B221MR
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501B221MR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6501B221MR Datasheet HTML 1Page - Torex Semiconductor XC6501B221MR Datasheet HTML 2Page - Torex Semiconductor XC6501B221MR Datasheet HTML 3Page - Torex Semiconductor XC6501B221MR Datasheet HTML 4Page - Torex Semiconductor XC6501B221MR Datasheet HTML 5Page - Torex Semiconductor XC6501B221MR Datasheet HTML 6Page - Torex Semiconductor XC6501B221MR Datasheet HTML 7Page - Torex Semiconductor XC6501B221MR Datasheet HTML 8Page - Torex Semiconductor XC6501B221MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/21
XC6501 Series
■ELECTRICAL CHARACTERISTICS
●XC6501 Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
2.0V>VOUT
T
(*3)
VCE=VIN, IOUT=10mA
-0.02
(*4)
+0.02
(*4)
Output Voltage
VOUT(E)
(*2)
2.0V≦VOUT
T
VCE=VIN, IOUT=10mA
×0.99
(*4)
VOUT
T
×1.01
(*4)
V
Maximum Output Current
IOUTMAX
VCE=VIN
200
-
-
mA
Load Regulation
ΔVOUT
VCE=VIN, 0.1mA≦IOUT≦100mA
-
15
45
mV
Dropout Voltage
(*5)
Vdif
VCE=VIN , IOUT=100mA
E-1
mV
Supply Current
IDD
VIN=VCE=6.0V, IOUT=0mA
E-2
μ
A
Stand-by Current
Istby
VIN=6.0V, VCE=VSS
-
0.01
0.1
μ
A
Line Regulation
ΔVOUT
ΔVIN・VOUT
VOUT(T)+0.5V≦VIN≦6.0V,
VCE=VIN, IOUT=30mA
-
0.10
0.20
%/V
Input Voltage
VIN
1.4
-
6.0
V
Output Voltage
Temperature
Characteristics
ΔVOUT
ΔTa・VOUT
VCE=VIN, IOUT=30mA
-40℃≦Ta≦85℃
-
±100
-
ppm/℃
VOUT(T)≦4.75V
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
VCE=VIN, IOUT=30mA, f=1kHz
Ripple Rejection
Rate
PSRR
VOUT(T)≧4.80V
VIN=5.75VDC+0.5Vp-pAC
VCE=VIN, IOUT=30mA, f=1kHz
-
50
-
dB
Current Limit
ILIM
VCE=VIN
210
300
-
mA
Short Circuit Current
ISHORT
VCE=VIN, VOUT is short-circuited at the
VSS level
-
25
-
mA
CE High Level
Voltage
VCEH
1.0
-
6.0
V
CE Low Level
Voltage
VCEL
VSS
-
0.25
V
XC6501A/B/P
-0.1
-
0.1
CE High Level
Current
ICEH
VIN=VCE=6.0V
XC6501C/D
3.5
6.0
10
μ
A
CE Low Level
Current
ICEL
VCE=VSS
-0.1
-
0.1
μ
A
VIN=6.0V, VOUT=1.2V, VCE=VSS
-
250
300
Ω
CL Auto-Discharge
Resistance
(*8)
RDCHG
VIN=6.0V, VOUT=5.0V, VCE=VSS
-
400
480
Ω
Notes:
*1: Unless otherwise stated regarding input voltage conditions, VIN=VOUT(T)
(*3)+1.0V.
*2: VOUT(E): An actual output voltage when an amply stabilized IOUT (VOUT(T)+1.0V) is input..
*3: VOUT(T): Nominal output voltage value
*4: VOUT(E): Effective output voltage value
*5: Vdif={VIN1
(*7) – VOUT1(*6)}
*6: VOUT1: A voltage equal to 98% of the output voltage when an amply stabilized IOUT (VOUT(T)+1.0V) is input.
*7: VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased.
*8: This function is built in the XC6501B/D series only.
The XC6501A/C series discharges by resistors R1+ R2 only as shown in the block diagrams.


Similar Part No. - XC6501B221MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501B2817R-G TOREX-XC6501B2817R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501B281GR TOREX-XC6501B281GR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501B281GR-G TOREX-XC6501B281GR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501B281HR TOREX-XC6501B281HR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501B281HR-G TOREX-XC6501B281HR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6501B221MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com