Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9606DB1 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV9606DB1
Description  Current-Mode PWM Multiple Output Flyback Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9606DB1 Datasheet(HTML) 4 Page - Supertex, Inc

  HV9606DB1 Datasheet HTML 1Page - Supertex, Inc HV9606DB1 Datasheet HTML 2Page - Supertex, Inc HV9606DB1 Datasheet HTML 3Page - Supertex, Inc HV9606DB1 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
09/05/2002
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 FAX: (408) 222-4895 www.supertex.com
Parts List
Item Reference
Part
Value
Footprint
Part No.
1
C1
Capacitor
4.7uF, 10 Volts
SMD-1206
Panasonic or equivalent
2
C2
Capacitor
4700uF, 6.3 Volts
Radial
Panasonic or equivalent
3
C3
Capacitor
4700uF, 6.3 Volts
Radial
Panasonic or equivalent
4
C4
Capacitor
.001uF, 50 Volts
SMD-0805
Panasonic or equivalent
5
C5
Capacitor
.001uF, 50 Volts
SMD-0805
Panasonic or equivalent
6
C6
Capacitor
3.3nF, 50 Volts
SMD-0805
Panasonic or equivalent
7
C7
Capacitor
330pF, 50 Volts
SMD-0805
Panasonic or equivalent
8
C8
Capacitor
.001uF, 50 Volts
SMD-0805
Panasonic or equivalent
9
C9
Capacitor
.001uF, 50 Volts
SMD-0805
Panasonic or equivalent
10
C10
Capacitor
.0033uF, 200 Volts
SMD-0805
Panasonic or equivalent
11
CCA
Capacitor
10nF, 50 Volts
SMD-0805
Panasonic or equivalent
12
CIN2
Capacitor
33uF, 450 Volts
Radial
Panasonic or equivalent
13
COUT
Capacitor
100uF, 100 Volts
Radial
Panasonic or equivalent
14
CREF
Capacitor
1uF, 16 Volts
SMD-0805
Panasonic or equivalent
15
CSS
Capacitor
47nF, 50 Volts
SMD-0805
Panasonic or equivalent
16
CSTAT
Capacitor
10nF, 50 Volts
SMD-0805
Panasonic or equivalent
17
CSYNC
Capacitor
10pF, 50 Volts
SMD-0805
Panasonic or equivalent
18
CVX2
Capacitor
100nF, 50 Volts
SMD-0805
Panasonic or equivalent
19
D1
Diode
1 Amp, 50 Volt
SMD-SMB
Diodes, Inc. #B150B or equivalent
20
D2
Diode
1 Amp, 50 Volt
SMD-SMB
Diodes, Inc. #B150B or equivalent
21
D4
Diode
1 Amp, 100 Volt
MELF
Diodes, Inc. #DL4002 or equivalent
22
M1
MOSFET
TN2524N8
SOT-223
Supertex, Inc.
23
M3
MOSFET
2N7000
TO-92
Supertex, Inc.
24
Q1
Bipolar Transistor
MMBTA56
SMD-SOT23
Fairchild Semiconductor or equivalent
25
R1
Resistor
100K
Ω, 1%
SMD-0805
Panasonic or equivalent
26
R2
Resistor
2M
Ω, 1%
SMD-0805
Panasonic or equivalent
27
R3
Resistor
3M
Ω, 1%
SMD-0805
Panasonic or equivalent
28
R4
Resistor
10M
Ω, 1%
SMD-0805
Panasonic or equivalent
29
R5
Resistor
2.2M
Ω, 1%
SMD-0805
Panasonic or equivalent
30
R6
Resistor
0
Ω, 1%
SMD-0805
Panasonic or equivalent
31
R7
Resistor
2.7M
Ω, 1%
SMD-0805
Panasonic or equivalent
32
R9
Resistor
62K
Ω, 1%
SMD-0805
Panasonic or equivalent
33
R10
Resistor
2.61K
Ω, 1%
SMD-0805
Panasonic or equivalent
34
R11
Resistor
34.8K
Ω, 1%
SMD-0805
Panasonic or equivalent
35
R12
Resistor
1K
Ω, 5%
SMD-0805
Panasonic or equivalent
36
R16
Resistor
10K
Ω, 5%
SMD-0805
Panasonic or equivalent
37
R17
Resistor
26K
Ω, 5%
SMD-0805
Panasonic or equivalent
38
RGATE
Resistor
10
Ω, 5%
SMD-0805
Panasonic or equivalent
39
RSENSE
Resistor
1
Ω, 1 Watt, 5%
SMD-RW1SOBa
Panasonic or equivalent
40
RT
Resistor
560K
Ω, 1%
SMD-0805
Panasonic or equivalent
41
TX1
Transformer
EPCOS
42
U1
IC
HV9606
SSOP
Supertex, Inc.
HV9606DB1


Similar Part No. - HV9606DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9606 SUTEX-HV9606 Datasheet
565Kb / 9P
   HV9606 Current-Mode PWM Controller with Supervisor
HV9606SP SUTEX-HV9606SP Datasheet
565Kb / 9P
   HV9606 Current-Mode PWM Controller with Supervisor
HV9606X SUTEX-HV9606X Datasheet
565Kb / 9P
   HV9606 Current-Mode PWM Controller with Supervisor
More results

Similar Description - HV9606DB1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Microsemi Corporation
LX1672 MICROSEMI-LX1672 Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671_06 Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
logo
Maxim Integrated Produc...
MAX751 MAXIM-MAX751 Datasheet
448Kb / 12P
   5V-Output, Step-Up, Current-Mode PWM DC-DC Converter
Rev 1; 11/96
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
logo
Maxim Integrated Produc...
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
   Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com