Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM2CP9 Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # RPM2CP9
Description  RELAY POWER RELAY-TYPE RPM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RPM2CP9 Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  RPM2CP9 Datasheet HTML 1Page - Adam Technologies, Inc. RPM2CP9 Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
57
RELAY
POWER RELAY-TYPE RPM
R SERIES
.015
[0.40]
.826
[21.00]
MAX.
.511
[13.00]
MAX.
1.181 [30.00]
MAX.
SCHEMATIC
1 FORM A
.787
[20.00]
.137
[3.50]
.295
[7.50]
.039
[1.00]
.295
[7.50]
.787
[20.00]
.137 [3.50]
ø.059
[1.50] 4X
Nominal
Voltage
V DC
V DC (max.)
Pick-up Voltage
V DC (min.)
Voltage
Drop-out
Nominal
Operating Current
mA (±10%)
Coil Resistance
(±10%)
mW
Operating Power
Nominal
Max allowable
Voltage
V DC
1 FORM C
SCHEMATIC
SCHEMATIC
2 FORM C
2 FORM A
SCHEMATIC
1 FORM A
1 FORM C
.137 [3.50]
.787
[20.00]
.295
[7.50]
2 FORM A
.197 [5.00]
.787
[20.00]
.295
[7.50]
2 FORM C
ø.059
[1.50] 5X
.137 [3.50]
ø.059
[1.50] 6X
ø.059
[1.50] 8X
.295
[7.50]
.590
[15.00]
.197 [5.00]
.197 [5.00]
COM
N.O.
COM
N.O.
N.C.
COM
N.O.
N.O.
N.C.
COM
RPM-1A-P-XX
RPM-1C-P-XX
RPM-2A-P-XX
RPM-2C-P-XX
130%V
of nominal
Voltage @ 60 C
6
12
9
5
24
16.8
3.5
6.3
8.4
4.2
2.4
0.5
0.9
1.2
0.6
22
106
58
44
88
1,100
47
155
270
68
530
120%V
of nominal
Voltage @ 85 C
RPM SERIES
Recommended PCB Layout
1 Form C
Recommended PCB Layout
2 Form A
Recommended PCB Layout
2 Form C
Recommended PCB Layout
1 Form A
Schematic
1 Form C
Schematic
2 Form A
Schematic
2 Form C
Schematic
1 Form A
RPM-1A-P-XX
RPM-1C-P-XX
RPM-2A-P-XX
RPM-2C-P-XX
RPM-1A-P-12


Similar Part No. - RPM2CP9

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPM2CP12 ADAM-TECH-RPM2CP12 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RPM2CP24 ADAM-TECH-RPM2CP24 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RPM2CP48 ADAM-TECH-RPM2CP48 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RPM2CP5 ADAM-TECH-RPM2CP5 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RPM2CP6 ADAM-TECH-RPM2CP6 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
More results

Similar Description - RPM2CP9

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
   POWER RELAY 20A type Relay
logo
Adam Technologies, Inc.
RPS12 ADAM-TECH-RPS12 Datasheet
157Kb / 2P
   RELAY MINIATURE POWER RELAY-TYPE RPS
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
   RELAY POWER RELAY LARGE SIZE-TYPE RPL
logo
List of Unclassifed Man...
RPM42BD ETC2-RPM42BD Datasheet
114Kb / 2P
   PLUG-IN RELAY 250V 15A RPM OPTIONS
logo
Nais(Matsushita Electri...
JV1APF-S-12V NAIS-JV1APF-S-12V Datasheet
63Kb / 4P
   FLAT TYPE POWER RELAY
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
logo
Fujitsu Component Limit...
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Adam Technologies, Inc.
RG2-2C-S-24VDC ADAM-TECH-RG2-2C-S-24VDC Datasheet
166Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com