Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ1PP Datasheet(PDF) 1 Page - MTRONPTI

Part # PJ1PP
Description  Surface Mount Crystals 5.5 x 11.7 x 2.2 mmPARAMETERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PJ1PP Datasheet(HTML) 1 Page - MTRONPTI

  PJ1PP Datasheet HTML 1Page - MTRONPTI PJ1PP Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
PJ Surface Mount Crystals
5.5 x 11.7 x 2.2 mm
PARAMETERS
VALUE
Frequency Range*
3.579545 to 30.000 MHz
Tolerance @ +25°C
See Table
Stability
See Table
Aging
±5 ppm/yr. Max.
Shunt Capacitance
7 pF Max.
Load Capacitance
18 pF Std.
Standard Operating Conditions
See Table
Equivalent Series Resistance (ESR), Max.
Fundamental (AT-cut)
3.579 to 3.999 MHz
200
4.000 to 7.999 MHz
150
8.000 to 9.999 MHz
100
10.000 to 19.999 MHz
80
20.000 to 30.000 MHz
50
Drive Level
100 µW Max., 50 µW Typ., 10 µW Min.
Mechanical Shock
MIL-STD-202, Method 213, C
Vibration
MIL-STD-202, Method 201 & 204
Thermal Cycle
MIL-STD-883, Method 1010, B
Max Soldering Conditions
See solder profile, Figure 1
* Because this product is based on AT-strip technology, not all frequencies in the range stated are available.
Contact the factory for availability of specific frequencies.
Revision: 1-2-08


Similar Part No. - PJ1PP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PJ1PP MTRONPTI-PJ1PP Datasheet
224Kb / 2P
   Surface Mount Crystals
PJ1PPS MTRONPTI-PJ1PPS Datasheet
224Kb / 2P
   Surface Mount Crystals
PJ1PPXX MTRONPTI-PJ1PPXX Datasheet
224Kb / 2P
   Surface Mount Crystals
More results

Similar Description - PJ1PP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
   3.5 x 6.0 x 1.0 mm Surface Mount Crystals
SX2060 MTRONPTI-SX2060 Datasheet
237Kb / 1P
   4.6 x 12.5 x 3.7 mm, Surface Mount Crystals
PM MTRONPTI-PM_08 Datasheet
370Kb / 2P
   Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
   Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
SX2060 MTRONPTI-SX2060_07 Datasheet
252Kb / 2P
   4.6 x 12.5 x 3.7 mm, Surface Mount Crystals
logo
List of Unclassifed Man...
SX2050 ETC1-SX2050 Datasheet
97Kb / 1P
   SX2050 Surface Mount Crystals 5.0 X 13.0 X 4.2 mm
logo
Kingbright Corporation
AA2214QWS-D-AMT KINGBRIGHT-AA2214QWS-D-AMT Datasheet
320Kb / 6P
   2.2 x 1.4 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AA2214SURSK TO-GRACE-AA2214SURSK Datasheet
404Kb / 4P
   2.2 x 1.4 mm Surface Mount LED Lamp
AA2214VRBXS-A-TR-AMT TO-GRACE-AA2214VRBXS-A-TR-AMT Datasheet
482Kb / 6P
   2.2 x 1.4 mm Surface Mount LED Lamp
AA3021VBS-D TO-GRACE-AA3021VBS-D Datasheet
401Kb / 4P
   2.2 x 1.4 mm Surface Mount LED Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com