Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC158AN Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74HC158AN
Description  Quad 2-Input Data Selectors/Multiplexers High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC158AN Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74HC158AN Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC158AN Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC158AN Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC158AN Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC158AN Datasheet HTML 5Page - IK Semicon Co., Ltd IN74HC158AN Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IN74HC158A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
VOH
Minimum High-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
6.0
4.0
40
160
µA
Rev. 00


Similar Part No. - IN74HC158AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC158AN INTEGRAL-IN74HC158AN Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - IN74HC158AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC158A KODENSHI-KK74HC158A Datasheet
217Kb / 6P
   Quad 2-Input Data Selectors/Multiplexers High-Performance Silicon-Gate CMOS
KK74HCT157A KODENSHI-KK74HCT157A Datasheet
217Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT157 SLS-SL74HCT157 Datasheet
44Kb / 5P
   Quad 2-Input Data Selectors/Multiplexer(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT157A IKSEMICON-IN74HCT157A Datasheet
204Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC158 SLS-SL74HC158 Datasheet
64Kb / 5P
   Quad 2-Input Data Selectors/Multiplexers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
   Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
   Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
logo
Motorola, Inc
MC54HC157A MOTOROLA-MC54HC157A Datasheet
168Kb / 7P
   Quad 2-Input Data Selectors / Multiplexers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com