Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M210124GLN Datasheet(PDF) 5 Page - MTRONPTI

Part # M210124GLN
Description  5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M210124GLN Datasheet(HTML) 5 Page - MTRONPTI

  M210124GLN Datasheet HTML 1Page - MTRONPTI M210124GLN Datasheet HTML 2Page - MTRONPTI M210124GLN Datasheet HTML 3Page - MTRONPTI M210124GLN Datasheet HTML 4Page - MTRONPTI M210124GLN Datasheet HTML 5Page - MTRONPTI M210124GLN Datasheet HTML 6Page - MTRONPTI M210124GLN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
5
Handling Information
Quality Parameters
Part Marking Guide
Although protection circuitry has been designed into the M210x oscillator, proper precautions should be taken to
avoid exposure to electrostatic discharge (ESD) during handling and mounting. MtronPTI utilizes a human-body
model (HBM) and a charged-device model (CDM) for ESD-susceptibility testing and protection design evaluation.
ESD voltage thresholds are dependent on the circuit parameters used to define the mode. Although no industry-
wide standard has been adopted for the CDM, a standard HBM (resistance = 1500 Ω, capacitance = 100 pF) is
widely used and therefore can be used for comparison purposes. The HBM ESD threshold presented here was
obtained using these circuit parameters.
M210x Series
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML,
Clock Oscillator
Line 1: Model Number
Line 2: Frequency
Line 3: Date Code
Line 4: Pin 1 Indicator / MtronPTI


Similar Part No. - M210124GLN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M210124GLN MTRONPTI-M210124GLN Datasheet
347Kb / 2P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
More results

Similar Description - M210124GLN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M210X MTRONPTI-M210X Datasheet
347Kb / 2P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M210X MTRONPTI-M210X_07 Datasheet
367Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M310X MTRONPTI-M310X_08 Datasheet
755Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
M220X MTRONPTI-M220X_08 Datasheet
682Kb / 7P
   9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M31X MTRONPTI-M31X Datasheet
373Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M21X MTRONPTI-M21X Datasheet
380Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M21X MTRONPTI-M21X_08 Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M310X MTRONPTI-M310X Datasheet
338Kb / 2P
   5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M310X_0611 MTRONPTI-M310X_0611 Datasheet
357Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M220X MTRONPTI-M220X Datasheet
340Kb / 2P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com