Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC27AN Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74HC27AN
Description  Triple 3-Input NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC27AN Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74HC27AN Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC27AN Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC27AN Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC27AN Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC27AN Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74HC27A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
tPHL, tPLH
Maximum Propagation Delay (Figure 1)
2.0
4.5
6.0
90
18
15
115
23
20
135
27
23
ns
tTHL, tTLH
Maximum Output Transition Time
(Figure 1)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
6.0
10
10
10
pF
Power Dissipation Capacitance (Per Gate)
TA=25°C,VCC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
54
pF
V = V
1
CC
V = 0.5 V
2
CC
Input
Output
0.1
0.1
0.1
0.1
0.9
0.9
0.9
0.9
t
PHL
t
f
t
THL
t
PLH
t
r
t
TLH
V
2
V
2
V
2
V
2
0 V
GND
V
CC
V
1
Figure 1. Switching Waveforms
PULSE
GENERATOR
DEVICE
UNDER
TEST
V
CC
V
I
V
O
C
50 pF
L
R
T
Termination resistance RT – should
be equal to ZOUT of pulse generators
Figure 2. Test Circuit
Rev. 00


Similar Part No. - IN74HC27AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC27AN INTEGRAL-IN74HC27AN Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
More results

Similar Description - IN74HC27AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com