Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4541BD Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IW4541BD
Description  Programmable Timer High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4541BD Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IW4541BD Datasheet HTML 1Page - IK Semicon Co., Ltd IW4541BD Datasheet HTML 2Page - IK Semicon Co., Ltd IW4541BD Datasheet HTML 3Page - IK Semicon Co., Ltd IW4541BD Datasheet HTML 4Page - IK Semicon Co., Ltd IW4541BD Datasheet HTML 5Page - IK Semicon Co., Ltd IW4541BD Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IW4541B
Rev. 00
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±10
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
PD
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.


Similar Part No. - IW4541BD

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4541BD INTEGRAL-IW4541BD Datasheet
136Kb / 5P
   Programmable Timer High-Performance Silicon-Gate CMOS
More results

Similar Description - IW4541BD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4541B KODENSHI-KK4541B Datasheet
285Kb / 6P
   Programmable Timer High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IW4541B INTEGRAL-IW4541B Datasheet
136Kb / 5P
   Programmable Timer High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC4052 ONSEMI-MC74HC4052 Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC27A MOTOROLA-MC74HC27A Datasheet
138Kb / 5P
   High-performance Silicon-gate CMOS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
74HC245A MOTOROLA-74HC245A Datasheet
142Kb / 7P
   High–Performance Silicon–Gate CMOS
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com