Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4520BN Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IW4520BN
Description  Dual Up-Counter High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4520BN Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IW4520BN Datasheet HTML 1Page - IK Semicon Co., Ltd IW4520BN Datasheet HTML 2Page - IK Semicon Co., Ltd IW4520BN Datasheet HTML 3Page - IK Semicon Co., Ltd IW4520BN Datasheet HTML 4Page - IK Semicon Co., Ltd IW4520BN Datasheet HTML 5Page - IK Semicon Co., Ltd IW4520BN Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IW4520B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
Unit
≥-55°C
25
°C
≤125°C
fmax
Maximum ClockFrequency, (Figure 1)
5.0
10
15
1.5
3
4
1.5
3
4
0.75
1.5
2
MHz
tPHL, tPLH
Maximum Propagation Delay, Clock or Enable
to Output (Figures 1,3)
5.0
10
15
560
230
160
560
230
160
1120
460
320
ns
tPHL
Maximum Propagation Delay, Reset to Output
(Figure 2)
5.0
10
15
650
225
170
650
225
170
1300
450
340
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS (CL=50pF, RL=200 kΩ, Input tr=tf=20 ns)
Rev. 00
VCC
Guaranteed Limit
Symbol
Parameter
V
Unit
≥-55°C
25
°C
≤125°C
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
200
100
70
200
100
70
400
200
140
ns
tw
Minimum Pulse Width, Reset (Figure 2)
5.0
10
15
250
110
80
250
110
80
500
220
160
ns
t
Minimum Pulse Width, Enable (Figure 3)
5.0
10
15
400
200
140
400
200
140
800
400
280
ns
w
t , t
Maximum Input Rise and Fall Times
(Figure 1)
5.0
10
15
15
5
5
15
5
5
15
5
5
μs
r
f
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Similar Part No. - IW4520BN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4520BN INTEGRAL-IW4520BN Datasheet
235Kb / 5P
   Dual Up - Counter High - Voltage Silicon - Gate CMOS
More results

Similar Description - IW4520BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4518B KODENSHI-KK4518B Datasheet
368Kb / 6P
   Dual Up-Counter High-Voltage Silicon-Gate CMOS
KK4520B KODENSHI-KK4520B Datasheet
363Kb / 6P
   Dual Up-Counter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4518B IKSEMICON-IW4518B Datasheet
260Kb / 6P
   Dual Up-Counter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4520B INTEGRAL-IW4520B Datasheet
235Kb / 5P
   Dual Up - Counter High - Voltage Silicon - Gate CMOS
logo
IK Semicon Co., Ltd
IW4516B IKSEMICON-IW4516B Datasheet
313Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4516 ETC-IW4516 Datasheet
284Kb / 6P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4029 INTEGRAL-IW4029 Datasheet
371Kb / 8P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4029B IKSEMICON-IW4029B Datasheet
352Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4029B KODENSHI-KK4029B Datasheet
506Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
KK4516B KODENSHI-KK4516B Datasheet
435Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com