Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4518BN Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IW4518BN
Description  Dual Up-Counter High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4518BN Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IW4518BN Datasheet HTML 1Page - IK Semicon Co., Ltd IW4518BN Datasheet HTML 2Page - IK Semicon Co., Ltd IW4518BN Datasheet HTML 3Page - IK Semicon Co., Ltd IW4518BN Datasheet HTML 4Page - IK Semicon Co., Ltd IW4518BN Datasheet HTML 5Page - IK Semicon Co., Ltd IW4518BN Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IW4518B
Rev. 00
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±10
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
PD
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.


Similar Part No. - IW4518BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4518BN ETC-IW4518BN Datasheet
229Kb / 5P
   Dual Up-Counter
More results

Similar Description - IW4518BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4518B KODENSHI-KK4518B Datasheet
368Kb / 6P
   Dual Up-Counter High-Voltage Silicon-Gate CMOS
KK4520B KODENSHI-KK4520B Datasheet
363Kb / 6P
   Dual Up-Counter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4520B IKSEMICON-IW4520B Datasheet
258Kb / 6P
   Dual Up-Counter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4520B INTEGRAL-IW4520B Datasheet
235Kb / 5P
   Dual Up - Counter High - Voltage Silicon - Gate CMOS
logo
IK Semicon Co., Ltd
IW4516B IKSEMICON-IW4516B Datasheet
313Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4516 ETC-IW4516 Datasheet
284Kb / 6P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4029 INTEGRAL-IW4029 Datasheet
371Kb / 8P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4029B IKSEMICON-IW4029B Datasheet
352Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4029B KODENSHI-KK4029B Datasheet
506Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
KK4516B KODENSHI-KK4516B Datasheet
435Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com