Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC37PL16 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DC37PL16
Description  D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DC37PL16 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DC37PL16 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
72
D-SUBMINIATURE
RIGHT ANGLE .318" [8.08] MOUNT
DPL & DSL SERIES
OPTIONS:
Add designator(s) to end of part number
15 = 15 µin gold plating in contact area
30 = 30 µin gold plating in contact area
EMI = Ferrite filtered version for EMI/RFI suppression
LPJ = Loose packed jackscrews
F = Superior retention 4 prong boardlocks
HT = Hi-Temp insulator for Hi-Temp soldering processes
up to 260°C
R = Round jackscrews
PF = Press fit pins
ORDERING INFORMATION
INTRODUCTION:
Adam Tech Right Angle .318” footprint PCB D-Sub connectors are a
popular interface for many I/O applications. Offered in 9, 15, 25 and
37 positions they are a good choice for a low cost industry standard
connection. These connectors are manufactured with precision
stamped contacts offering a choice of contact plating and a wide
selection of mating and mounting options.
FEATURES:
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech D-Subminiatures and all industry standard D-Subminiature
connectors.
SPECIFICATIONS:
Material:
Standard insulator: PBT, 30% glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T
Insulator color: Black
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin Optional) over Nickel underplate on mating
area. Tin over copper underplate on PCB tails.
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Temperature Rating:
Operating temperature: -65°C to +125°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
DB25
SHELL SIZE/
POSITIONS
DE
09 = 9 Position
DA
15 = 15 Position
DB
25 = 25 Position
DC
37 = 37 Position
CONTACT TYPE
PL = Plug, .318" Footprint
SL = Socket, .318" Footprint
MATING FACE
MOUNTING OPTIONS
3 = #4-40 fixed jackscrews
4 = #4-40 flush threaded
inserts
5 = #4-40 flush threaded
inserts with removable
jackscrews installed
6 = .120" non-threaded
mounting holes
* See Mounting Option
diagrams pg. 74
PCB MOUNTING OPTIONS
1 = Wrap around ground
straps with thru holes
2 = Forked board locks
3 = Top side only ground
straps with thru holes
4 = Top side only ground
straps with #4-40
threaded screw holes
* See Mounting Option
diagrams pg. 74
2
4
SL
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - DC37PL16

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC37P-0L2-K87 ITT-DC37P-0L2-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC37P-1A5N-K87 ITT-DC37P-1A5N-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC37P-1A6N-K87 ITT-DC37P-1A6N-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC37P-1A7N-K87 ITT-DC37P-1A7N-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC37P-1A8N-K87 ITT-DC37P-1A8N-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DC37PL16

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DB25-PL-25 ADAM-TECH-DB25-PL-25 Datasheet
240Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
DE09-SL-24 ADAM-TECH-DE09-SL-24 Datasheet
91Kb / 1P
   RIGHT ANGLE .318 8.08 MOUNT DPL DSL SERIES
logo
Amphenol Corporation
FCC17-XXXXA-XX0X AMPHENOL-FCC17-XXXXA-XX0X Datasheet
142Kb / 1P
   FCC 17 FILTERED D-SUB, RIGHT ANGLE .318[8.08] F/P, PIN & SOCKET - PLASTIC MTG BRACKET & BOARDLOCK
logo
Adam Technologies, Inc.
DB25SQSA4 ADAM-TECH-DB25SQSA4 Datasheet
381Kb / 3P
   D-SUBMINIATURE RIGHT ANGLE .590 [15.00] MOUNT
logo
Amphenol Corporation
FCE17-XXXXA-XX0X AMPHENOL-FCE17-XXXXA-XX0X Datasheet
147Kb / 1P
   FCEC17 SERIES D-SUB CONNECTOR, PIN & SOCKET, RIGHT ANGLE .318 [8.08] F/P, PLASTIC MOUNTING BRACKET & BOARDLOCK , RoHS COMPLIANT
logo
Adam Technologies, Inc.
DB25SHC1C ADAM-TECH-DB25SHC1C Datasheet
213Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE MACHINED CONTACT
DPD2510B3 ADAM-TECH-DPD2510B3 Datasheet
192Kb / 2P
   D-SUBMINIATURE DUAL PORT, STACKED, RIGHT ANGLE
DB25SN24 ADAM-TECH-DB25SN24 Datasheet
232Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE .197 [5.00] SLIMLINE
DB25SS24 ADAM-TECH-DB25SS24 Datasheet
227Kb / 2P
   D-SUBMINIATURE SMT RIGHT ANGLE .118" [3.00] SLIMLINE
logo
Glenair, Inc.
247-1679PJB GLENAIR-247-1679PJB Datasheet
326Kb / 2P
   D-Subminiature Connector, Right Angle EMI Filtered European Footprint
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com