Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA15SQSA6 Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # DA15SQSA6
Description  D-SUBMINIATURE RIGHT ANGLE .590 [15.00] MOUNT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DA15SQSA6 Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  DA15SQSA6 Datasheet HTML 1Page - Adam Technologies, Inc. DA15SQSA6 Datasheet HTML 2Page - Adam Technologies, Inc. DA15SQSA6 Datasheet HTML 3Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Half Flange PCB Layout for
PCB mounting options
(SA, SC, F)
Full Flange PCB Layout
for PCB mounting options
(SB, SD, R)
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
76
#4-40 UNC
#4-40 UNC
A
B
C
.109 [2.77]
.329 [8.36]
.494 [12.55]
.112 [2.84]
.990 [25.15]
.590 [15.00]
.232 [5.9]
.311 [7.90]
.494 [12.55]
A
B
C
.112 [2.84]
.109 [2.77]
.125
[3.18]
.125
[3.18]
.232 [5.9]
.990 [25.15]
.590 [15.00]
D-SUBMINIATURE
RIGHT ANGLE .590" [15.00] MOUNT
DPQ & DSQ SERIES
PLUG
SOCKET
DB25-PQ-SB4
DB25-SQ-R5
15
.994 [25.25]
37
25
2.182 [55.43]
1.534 [38.96]
DIMENSIONS
Pos.
9
.666 [16.92]
A
1.541 [39.14]
2.729 [69.32]
2.088 [53.04]
C
1.213 [30.81]
1.312 [33.32]
2.500 [63.50]
1.852 [47.04]
.984 [24.99]
B
.971 [24.66]
2.159 [54.84]
1.511 [38.38]
.643 [16.33]
A
PLUG
SOCKET
Unit: Inch [mm]
#4-40 UNC
#4-40 UNC
A
B
C
.109 [2.77]
.329 [8.36]
.494 [12.55]
.112 [2.84]
.990 [25.15]
.590 [15.00]
.232 [5.9]
.311 [7.90]
.494 [12.55]
A
B
C
.112 [2.84]
.109 [2.77]
.125
[3.18]
.125
[3.18]
.232 [5.9]
.990 [25.15]
.590 [15.00]
.112
[2.84]
ø.12
6
[3.20]
ø.10
9
[2
.77]
ø.04
7
[1
.19]
ø.04
7
[1.19]
ø.10
9
[2
.77]
ø.12
6
[3.
20]
.1
12
[2
.8
4
]
.275
[6.98
]
B
B
PCB Edge


Similar Part No. - DA15SQSA6

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DA15S-0L2-A197 ITT-DA15S-0L2-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DA15S-1A5N-A197 ITT-DA15S-1A5N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DA15S-1A6N-A197 ITT-DA15S-1A6N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DA15S-1A7N-A197 ITT-DA15S-1A7N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
DA15S-1A8N-A197 ITT-DA15S-1A8N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DA15SQSA6

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DB25-PL-25 ADAM-TECH-DB25-PL-25 Datasheet
240Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
DB25SL24 ADAM-TECH-DB25SL24 Datasheet
134Kb / 1P
   D-SUBMINIATURE RIGHT ANGLE .318 (8.08) MOUNT
DB25SHC1C ADAM-TECH-DB25SHC1C Datasheet
213Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE MACHINED CONTACT
DPD2510B3 ADAM-TECH-DPD2510B3 Datasheet
192Kb / 2P
   D-SUBMINIATURE DUAL PORT, STACKED, RIGHT ANGLE
DB25SN24 ADAM-TECH-DB25SN24 Datasheet
232Kb / 2P
   D-SUBMINIATURE RIGHT ANGLE .197 [5.00] SLIMLINE
logo
Pasternack Enterprises,...
PE4444 PASTERNACK-PE4444 Datasheet
105Kb / 1P
   N FEMALE PANEL MOUNT ,590
logo
Adam Technologies, Inc.
DB25SS24 ADAM-TECH-DB25SS24 Datasheet
227Kb / 2P
   D-SUBMINIATURE SMT RIGHT ANGLE .118" [3.00] SLIMLINE
logo
List of Unclassifed Man...
626-037-562-043 ETC2-626-037-562-043 Datasheet
731Kb / 3P
   Two contact rows with. 590 (14.99mm) footprint right-angle bend.
logo
Glenair, Inc.
247-1679PJB GLENAIR-247-1679PJB Datasheet
326Kb / 2P
   D-Subminiature Connector, Right Angle EMI Filtered European Footprint
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
   D Subminiature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com