Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7224DG Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV7224DG
Description  40-Channel Symmetric Row Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7224DG Datasheet(HTML) 7 Page - Supertex, Inc

  HV7224DG Datasheet HTML 1Page - Supertex, Inc HV7224DG Datasheet HTML 2Page - Supertex, Inc HV7224DG Datasheet HTML 3Page - Supertex, Inc HV7224DG Datasheet HTML 4Page - Supertex, Inc HV7224DG Datasheet HTML 5Page - Supertex, Inc HV7224DG Datasheet HTML 6Page - Supertex, Inc HV7224DG Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
02/06//02
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
HV7224
Index
1
24
64
41
25
40
top view
3-sided Plastic 64-pin Gullwing Package
Package Outline
65
80
1
24
25
40
41
64
Index
top view
80-pin Ceramic Gullwing Package


Similar Part No. - HV7224DG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7224PG-G SUTEX-HV7224PG-G Datasheet
564Kb / 7P
   40-Channel Symmetric Row Driver
HV7224PG-G SUTEX-HV7224PG-G Datasheet
657Kb / 7P
   40-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224_13 Datasheet
657Kb / 7P
   40-Channel Symmetric Row Driver
More results

Similar Description - HV7224DG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7224PG-G SUTEX-HV7224PG-G Datasheet
564Kb / 7P
   40-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224_13 Datasheet
657Kb / 7P
   40-Channel Symmetric Row Driver
HV7022-C SUTEX-HV7022-C Datasheet
455Kb / 6P
   34-Channel Symmetric Row Driver
HV7022-C SUTEX-HV7022-C_07 Datasheet
943Kb / 8P
   34-Channel Symmetric Row Driver
HV7022PJ-C-G SUTEX-HV7022PJ-C-G Datasheet
757Kb / 9P
   34-Channel Symmetric Row Driver
logo
Microchip Technology
HV7022 MICROCHIP-HV7022 Datasheet
321Kb / 15P
   34-Channel Symmetric Row Driver
07/14/15
logo
Vishay Siliconix
SIZF640DT VISHAY-SIZF640DT Datasheet
166Kb / 7P
   Symmetric Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
logo
Vincotech
10-FZ06NBA100SG10-M305L58 VINCOTECH-10-FZ06NBA100SG10-M305L58 Datasheet
2Mb / 18P
   symmetric booster
logo
Fairchild Semiconductor
AN-4158 FAIRCHILD-AN-4158 Datasheet
623Kb / 6P
   Symmetric Dual N-Channel Shielded Gate PowerTrench
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
   DPDT SYMMETRIC SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com