Electronic Components Datasheet Search |
|
MSTM-S3-TR-1N038.88M Datasheet(PDF) 3 Page - Connor-Winfield Corporation |
|
MSTM-S3-TR-1N038.88M Datasheet(HTML) 3 Page - Connor-Winfield Corporation |
3 / 16 page Data Sheet #: TM027 Page 3 of 16 Rev: P05 Date: 12 / 02 / 02 © Copyright 2001 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice NOTES: 1.0: Stresses beyond those listed under Absolute Maximum Rating may cause damage to the device. Operation beyond Recommended Conditions is not implied. 2.0: Logic is 3.3V CMOS 3.0 GR-1244-CORE 3.2.1 Recommended Operating Conditions Table 3 Symbol Parameter Minimum Nominal Maximum Units Notes V cc Power supply voltage 4.75 5.00 5.25 Volts V TH Reset threshold voltage 4.25 4.5 Volts V IH High level input voltage - TTL 2.0 V CC Volts V IL Low level input voltage - TTL 0 0.8 Volts t IN Input signal transition - TTL 250 ns C IN Input capacitance 15 pF V OH High level output voltage, 2.4 5.25 Volts 2.0 I OH = -4.0mA, V CC = min. V OL Low level output voltage, 0.4 Volts I OL = 12.0 mA, V CC = min. t TRANS Clock output transition time 4.0 ns t PULSE 8kHz input reference pulse 30 ns width( positive or negative) T OP Operating temperature 0 70 °C Specifications Table 4 Parameter Specifications Notes Frequency Range (Sync_Out) 8 kHz to 77.76 MHz Frequency Range (Opt_Out) 8 kHz to 77.76 MHz Supply Current 250 mA typical, 400 mA during warm-up (Maximum) Timing Reference Inputs 8 kHz - 19.44 MHz 3.0 Jitter, Wander and Phase Transient Tolerances GR-1244-CORE 4.2-4.4, GR-253-CORE 5.4.4.3.6 Wander Generation GR-1244-CORE 5.3, GR-253-CORE 5.4.4.3.2 Wander Transfer GR-1244-CORE 5.4 Jitter Generation GR-1244-CORE 5.5, GR-253-CORE 5.6.2.3 Jitter Transfer GR-1244-CORE 5.5, GR-253-CORE 5.6.2.1 Phase Transients GR-1244-CORE 5.6, GR-253-CORE 5.4.4.3.3 Free Run Accuracy 4.6 ppm over T OP Hold Over Stability ±0.37 ppm for initial 24 hrs 4.0 Inital Offset ±0.05 ppm Temperature ±0.28 ppm Drift ±0.04 ppm Maximum Hold Over History 40 seconds Pull-in/ Hold-in Range ±13.8 ppm minimum 5.0 Lock Time 30 seconds typical DPLL Bandwidth < 0.1 Hz 4.0: Hold Over stability is the cumulative fractional frequency offset as described by GR-1244-CORE, 5.2 5.0: Pull-in Range is the maximum frequency deviation from nominal clock rate on the reference inputs to the timing module that can be overcome to pull into synchronization with the reference |
Similar Part No. - MSTM-S3-TR-1N038.88M |
|
Similar Description - MSTM-S3-TR-1N038.88M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |