Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE09SFP2 Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # DE09SFP2
Description  D-SUBMINIATURE IDC FLAT CABLE TERMINATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DE09SFP2 Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  DE09SFP2 Datasheet HTML 1Page - Adam Technologies, Inc. DE09SFP2 Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
93
.232 [5.90]
.232 [5.90]
D
.327
[8.30]
C
.109
[2.77]
A
B
.112 [2.84]
.492
[12.50]
.232 [5.90]
D
.232 [5.90]
.109
[2.77]
.311
[7.90]
.492
[12.50]
#4-40 Thread or
.130ø [3.30] Thru- Hole
C
A
B
.112 [2.84]
Me
ta
l She
ll or
All Pla
st ic
Me
ta
l She
ll or
All Pla
st ic
#4-40 Thr e
a
d
or
.130ø [3.30] Thru- Hole
.232 [5.90]
.232 [5.90]
D
.327
[8.30]
C
.109
[2.77]
A
B
.112 [2.84]
.492
[12.50]
.232 [5.90]
D
.232 [5.90]
.109
[2.77]
.311
[7.90]
.492
[12.50]
#4-40 Thread or
.130ø [3.30] Thru- Hole
C
A
B
.112 [2.84]
Me
ta
l She
ll or
All Pla
st ic
Me
ta
l She
ll or
All Pla
st ic
#4-40 Thr e
a
d
or
.130ø [3.30] Thru- Hole
D-SUBMINIATURE
IDC FLAT CABLE TERMINATION
DPF & DSF SERIES
PLUG
SOCKET
1.541 [39.14]
1.312 [33.32]
15
.994 [25.25]
2.500 [63.50]
1.852 [47.04]
37
25
2.182 [55.43]
1.534 [38.96]
2.729 [69.32]
2.088 [53.04]
.984 [24.99]
DIMENSIONS
Positions
9
.666 [16.92]
A
C
1.213 [30.81]
B
.971 [24.66]
2.159 [54.84]
1.511 [38.38]
.643 [16.33]
A
PLUG
SOCKET
Unit: Inch [mm]
1.213 [30.81]
2.414 [61.32]
1.755 [44.57]
D
.883 [22.44]


Similar Part No. - DE09SFP2

ManufacturerPart #DatasheetDescription
logo
FCI connector
DE09S065TLF-ND FCI-CONNECTOR-DE09S065TLF-ND Datasheet
75Kb / 1P
   MALE CONNECT. DELTA D RIGHT ANGLE SCREWLOCK.HARPOON & METAL PLATE
DE09S065TLF-ND FCI-CONNECTOR-DE09S065TLF-ND Datasheet
91Kb / 1P
   MALE CONNECT DELTA D RIGHT ANGLE SPILL WITHOUT ACCESSORIES.
DE09S065TLF-ND FCI-CONNECTOR-DE09S065TLF-ND Datasheet
66Kb / 1P
   MALE CONNECT. DELTA D RIGHT ANGLED SPILL WITHOUT ACCESSORIES
DE09S065TLF-ND FCI-CONNECTOR-DE09S065TLF-ND Datasheet
99Kb / 1P
   MALE CONNECT. DELTA D RIGHT ANGLED SCREWLOCK, HARPOON&METAL PLATE
DE09S065TLF-ND FCI-CONNECTOR-DE09S065TLF-ND Datasheet
102Kb / 1P
   MALE CONNECT. DELTA D RIGHT ANGLED WITH NUT, HARPOON&METAL PLATE
More results

Similar Description - DE09SFP2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MR36-PF-2 ADAM-TECH-MR36-PF-2 Datasheet
136Kb / 1P
   MINIATURE RIBBON IDC FLAT CABLE TERMINATION
SCA68SFSG ADAM-TECH-SCA68SFSG Datasheet
119Kb / 1P
   SCA CONNECTOR IDC FLAT CABLE TERMINATION
SCA-68-PF-SG ADAM-TECH-SCA-68-PF-SG Datasheet
123Kb / 1P
   SCA CONNECTOR IDC FLAT CABLE TERMINATION
DXXX-SF-M-2 ADAM-TECH-DXXX-SF-M-2 Datasheet
116Kb / 1P
   IDC FLAT CABLE D-SUB SOCKET
DXXX-SF-M1 ADAM-TECH-DXXX-SF-M1 Datasheet
120Kb / 1P
   IDC FLAT CABLE D-SUB SOCKET
DXXX-SF-M1-NIS ADAM-TECH-DXXX-SF-M1-NIS Datasheet
96Kb / 1P
   IDC FLAT CABLE D-SUB SOCKET
DXXX-PF-M2 ADAM-TECH-DXXX-PF-M2 Datasheet
126Kb / 1P
   IDC FLAT CABLE D-SUB PLUG
DXXX-PF-P1 ADAM-TECH-DXXX-PF-P1 Datasheet
111Kb / 1P
   IDC FLAT CABLE D-SUB PLUG
DXXX-PF-M1 ADAM-TECH-DXXX-PF-M1 Datasheet
107Kb / 1P
   IDC FLAT CABLE D-SUB PLUG
DXXX-SF-M2-30 ADAM-TECH-DXXX-SF-M2-30 Datasheet
115Kb / 1P
   IDC FLAT CABLE D-SUB SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com