Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-30A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # D-30A
Description  30W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

D-30A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  D-30A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. D-30A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
12V
5V
24V
1A
2.2A
1A
0.1~1A
0.5~4A
0.1~1A
35W
100mVp-p
50mVp-p
100mVp-p
+3,-7%
2%
+3,-5%
1.0%
0.5%
1.0%
4.0%
0.5%
4.0%
200ms,50ms,30msatfullload
85~132VAC/170~264VAC
240~370VDC
selectedbyswitch
47~63Hz
72%
74%
0.8A/115VAC0.45A/230VAC
COLDSTART 18A/115VAC36A/230VAC
<1mA /240VAC
105~150% ratedoutputpower
Protectiontype:Foldbackcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved.
DesignrefertoUL1012
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
-10~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
417.6Khrsmin.MIL-HDBK-217F(25
)
129*98*38mm(L*W*H)
FileName:D-30-SPEC2004-06-30
5V
4A
0.5~4A
32W
50mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
0.5%
0.5%
D-30A
D-30B
0.41Kg;30pcs/13.4Kg/0.86CUFT
30WDualOutputSwitchingPowerSupply
D - 3 0 series
AC input range selected by switch
Protections:Short circuit/Over load
Cooling by free air convection
LED indicator for power on
Fixed switching frequency at 23KHz
1 year warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
Designreferto
Conduction
FCCPart15J
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.


Similar Part No. - D-30A

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-300-01 PANDUIT-D-300-01 Datasheet
131Kb / 7P
   CAP, SPLICE ENCAPSULATION
D-300-02 PANDUIT-D-300-02 Datasheet
131Kb / 7P
   CAP, SPLICE ENCAPSULATION
D-300-03 PANDUIT-D-300-03 Datasheet
131Kb / 7P
   CAP, SPLICE ENCAPSULATION
D-300-08 PANDUIT-D-300-08 Datasheet
76Kb / 7P
   CAP, SPLICE ENCAPSULATION
D-300-08CS1108 PANDUIT-D-300-08CS1108 Datasheet
76Kb / 7P
   CAP, SPLICE ENCAPSULATION
More results

Similar Description - D-30A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ID-30B MEANWELL-ID-30B Datasheet
355Kb / 2P
   30W Dual Output Switching Power Supply
T-30 MEANWELL-T-30 Datasheet
445Kb / 2P
   30W Triple Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_11 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
PLN-30 MEANWELL-PLN-30 Datasheet
166Kb / 2P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30_12 Datasheet
257Kb / 3P
   30W Single Output Switching Power Supply
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
VD-120A CUI-VD-120A Datasheet
132Kb / 2P
   dual output switching power supply
VSBU-120-D CUI-VSBU-120-D Datasheet
212Kb / 3P
   Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com